전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • F2VS-K6-R

  • AI
    The **F2VS-K6-R** is a specific electronic component, typically categorized as a **Contactless Door Sensor** or **Safety Interlock Switch**, manufactured by companies like **OMRON**. It is primarily used in industrial automation to detect the status of guards, doors, or covers. --- ## 1. Technical Specifications The "K6" and "R" designations often refer to the set configuration (Sensor + Actuator) and cable length or connector type. | Feature | Specification | | :--- | :--- | | **Type** | Non-contact Magnetic/Electronic Switch | | **Detection Method** | Hall Effect or Magnetic Induction | | **Operating Voltage** | 24V DC (typical) | | **Response Time** | < 100ms | | **Output Type** | PNP or NPN (depending on specific model variant) | | **Housing Material** | ABS or PBT Plastic (High Durability) | | **IP Rating** | IP67 (Dust and Water resistant) | --- ## 2. Component Composition The F2VS-K6-R system consists of two primary electronic parts: ### A. The Sensor (Main Body) The active part of the system. It contains the internal circuitry, logic gates, and the output cable. It monitors the magnetic field to determine if the safety circuit should be open or closed. ### B. The Actuator (Target) The passive part. It is a coded magnetic unit mounted on the moving part of the door. The sensor will only respond to this specific actuator, preventing bypass by standard magnets. --- ## 3. Circuit Interface & Wiring Most F2VS series sensors utilize a 4-wire or 6-wire configuration to integrate with safety relays. ```yaml Wiring Guide (Standard): - Brown: +24V DC Power Supply - Blue: 0V (GND) - Black: Control Output (OSSD 1) - White: Control Output (OSSD 2) ``` --- ## 4. Key Electronic Features * **Tamper Resistance:** Unlike mechanical limit switches, the electronic coding makes it difficult to "trick" the sensor into thinking the door is closed. * **Solid State Switching:** There are no moving internal contacts, which eliminates mechanical wear and allows for millions of operating cycles. * **LED Indicators:** Usually includes a dual-color LED (Red/Green) to indicate the status of the detection and power. * **Series Connection:** These sensors are designed to be wired in series while maintaining high Safety Integrity Levels (SIL). --- ## 5. Typical Applications 1. **Semiconductor Manufacturing:** Protecting access to vacuum chambers. 2. **Packaging Machinery:** Ensuring guards are closed before high-speed motors engage. 3. **Cleanrooms:** Due to the contactless nature, there is no friction dust or debris generated.
    ✨ Follow-up Questions
    • ⤷ What is the maximum sensing distance for the F2VS-K6-R actuator?
    • ⤷ How do I wire this sensor to an Omron G9SA safety relay?
    • ⤷ What is the difference between the F2VS series and the F3S-TGR series?