전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • F3-R2

  • AI
    The **F3-R2** is a sophisticated high-performance flight controller, typically part of the "F3" generation (based on the STM32F3 processor). While it is considered an older generation compared to modern F4 or F7 boards, it was a milestone in flight control due to its dedicated Floating Point Unit (FPU). --- ### Core Electronic Components The F3-R2 integrates several key integrated circuits (ICs) and modules to manage flight stability and data processing. | Component Type | Part Name/Spec | Function | | :--- | :--- | :--- | | **Microprocessor (MCU)** | STM32F303 | The "brain" that handles PID loops and processing. | | **IMU (Gyro/Accel)** | MPU6000 or MPU6050 | Senses rotation and acceleration for stabilization. | | **OSD Chip** | AT7456E | Overlays flight data (battery, timer) onto the video signal. | | **Barometer** | BMP280 (Optional) | Measures atmospheric pressure for altitude hold. | | **Flash Memory** | 8MB - 16MB | Used for "Blackbox" flight data logging. | | **BEC (Regulator)** | 5V/1A - 2A | Converts high battery voltage to 5V for the electronics. | --- ### Key Technical Specifications * **Architecture:** 32-bit ARM Cortex-M4. * **Clock Speed:** 72MHz. * **UART Ports:** Usually 3 physical hardware UARTs (allows connecting GPS, SmartAudio, and RX simultaneously). * **Input Voltage:** Typically 2S - 4S LiPo (check specific R2 revision for 6S compatibility). * **Inverters:** Built-in hardware inverters for SBUS signals (a major upgrade over the F1 generation). --- ### Detailed Part Descriptions #### 1. The STM32F3 MCU The "F3" refers to the processor series. Unlike the older F1 chips, the F3 has a **Floating Point Unit (FPU)**, which allows it to perform complex mathematical calculations for flight stabilization much faster and more accurately. #### 2. The IMU (Inertial Measurement Unit) The **MPU6000** is the gold standard for this era of boards. It is preferred because it is connected via **SPI** (Serial Peripheral Interface) rather than I2C, allowing for faster sampling rates (up to 8kHz) and lower electronic noise. #### 3. Power Management (BEC) The board contains a **Buck Converter** or Linear Regulator. This part is crucial because it takes the raw battery voltage (e.g., 14.8V) and steps it down to a clean **5V** to power the MCU and your radio receiver. #### 4. Connectivity Headers * **PWM/DShot Outputs:** Signals sent to the ESCs (Electronic Speed Controllers) to spin the motors. * **Buzzer/LED Strips:** Dedicated pins for lost-model alarms and RGB status lighting. ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the F3-R2 and the newer F4 or F7 flight controllers?
    • ⤷ How do I wire a GPS module to the F3-R2 UART ports?
    • ⤷ Which firmware (Betaflight or iNav) is best suited for the F3-R2 hardware?