전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • F412R-05MB

  • AI
    Based on the technical nomenclature, the **F412R-05MB** typically refers to a **DC Axial Compact Fan**, commonly manufactured by brands like **Nidec (Beta SL)** or similar thermal management suppliers. These components are designed for cooling electronic enclosures, power supplies, and small appliances. --- ### 1. Technical Specifications The following table outlines the typical electrical and physical characteristics of this part: | Characteristic | Specification (Typical) | | :--- | :--- | | **Frame Size** | 40mm x 40mm x 12mm | | **Rated Voltage** | 5V DC | | **Operating Voltage Range** | 4.5V – 5.5V | | **Rated Current** | 0.08A - 0.15A (Varies by load) | | **Bearing Type** | Mobius/Sleeve or Ball Bearing | | **Speed** | ~5000 - 6500 RPM | | **Airflow** | ~5.0 - 7.0 CFM | | **Connector** | 2-pin or 3-pin (Molex/JST compatible) | --- ### 2. Key Electronic Components & Features The "MB" series fans generally include several integrated protection and control circuits: * **Brushless DC (BLDC) Motor:** Unlike brushed motors, this uses an internal electronic controller to switch the magnetic fields, resulting in longer life and lower EMI (Electromagnetic Interference). * **Auto-Restart Feature:** Most models include a circuit that detects if the fan blades are locked. It will shut off power temporarily to prevent the coils from burning out and attempt to restart once the obstruction is removed. * **Polarity Protection:** Usually protected against reverse polarity connection via an internal diode; however, reversing the wires is still not recommended for long-term health. * **Commutation Circuitry:** Uses Hall Effect sensors to detect the position of the rotor, ensuring smooth electrical switching between the stator windings. --- ### 3. Pinout Configuration Standard wiring for this 5V fan is as follows: | Wire Color | Function | Description | | :--- | :--- | :--- | | **Red** | VCC | Positive Power Supply (+5V) | | **Black** | GND | Ground (0V) | | **Yellow/White** | Tachometer (Optional) | Sends a pulse signal to the CPU to monitor RPM | --- ### 4. Application Use-Cases * **Networking Gear:** Cooling small routers, switches, and modems. * **3D Printers:** Used as a layer cooling fan or for cooling the hot-end heatsink. * **SBCs:** Cooling Raspberry Pi or similar single-board computers. * **DVRs/NVRs:** Managing thermal loads in compact surveillance recording boxes.
    ✨ Follow-up Questions
    • ⤷What is the difference between a sleeve bearing and a ball bearing in this fan model?
    • ⤷ How do I calculate the power consumption for this fan in Watts?
    • ⤷ Can this 5V fan be controlled using a PWM signal from an Arduino?