전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • F412R-1

  • AI
    The **F412R-1** typically refers to a high-performance flight controller (FC) hardware stack, often associated with the **HAKRC F4120** or similar 35A/40A All-in-One (AIO) boards used in FPV drones and small UAVs. These boards integrate the flight controller and the Electronic Speed Controllers (ESC) into a single PCB. --- ### 1. Core Processing Unit (MCU) At the heart of the board is the STM32 processor. | Component | Specification | Function | | :--- | :--- | :--- | | **MCU** | STM32F411 or F412 | Handles flight PID loops, OSD, and peripheral communication. | | **Frequency** | 100MHz | Ensures low latency between sensor input and motor output. | | **Flash Memory** | 512KB | Stores the firmware (Betaflight, INAV, or ArduPilot). | --- ### 2. Integrated Sensors (IMU) These parts detect the drone's orientation and movement in 3D space. * **Gyroscope/Accelerometer:** Usually an **ICM42688-P** or **MPU6000**. These sensors measure angular velocity and acceleration. * **Barometer (Optional):** Often a **BMP280** or **DPS310** used for altitude hold by measuring atmospheric pressure. --- ### 3. Electronic Speed Controller (ESC) Section Since the F412R-1 is usually an AIO board, it includes four internal ESCs to drive the brushless motors. | Part | Details | | :--- | :--- | | **Current Rating** | Typically 35A to 40A continuous (per motor). | | **Input Voltage** | 2S - 6S LiPo (7.4V to 25.2V). | | **Firmware** | BLHeli_S or Bluejay (supports bidirectional DShot). | | **MOSFETs** | High-quality N-channel FETs for efficient power switching. | --- ### 4. Power Management (BEC) The board converts high-voltage battery power into stable low voltage for onboard electronics. * **5V BEC:** Supplies power (usually 2A-3A) to the receiver (RX), camera, and LED strips. * **10V/9V BEC (Optional):** Dedicated filtered power for high-voltage video transmitters (VTX) or DJI O3 Air Units. * **Current Sensor:** An onboard shunt resistor that allows the flight controller to monitor battery consumption in real-time. --- ### 5. Connectivity and Ports (UARTs) The board features various solder pads for external components: ```yaml UART1: Typically used for the Radio Receiver (SBUS, ELRS, CRSF). UART2: Often used for VTX Control (SmartAudio or IRC Tramp). I2C: Used for external Magnetometers (Compass) or OLED displays. USB: Micro-USB or Type-C for configuration via Betaflight Configurator. ``` --- ### Summary Table: Hardware Capabilities | Feature | Support Status | | :--- | :--- | | **OSD** | Built-in AT7456E chip for Analog Video Overlay. | | **Blackbox** | Usually 8MB - 16MB onboard Flash for flight data logging. | | **DShot Support** | DShot150, DShot300, DShot600. | | **Buzzer Pad** | Yes, for lost model alarms. | ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the F411 and F412 processors in flight controllers?
    • ⤷ How do I wire a Crossfire or ELRS receiver to this board?
    • ⤷ Does the F412R-1 support 6S batteries without an external capacitor?