전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • F412R-12MB

  • AI
    The **F412R-12MB** is a high-performance brushless DC (BLDC) motor, commonly used in industrial automation, robotics, and high-end gimbal systems. It belongs to the family of high-torque-density outrunner motors. ### 1. Key Technical Specifications The following table highlights the primary electronic and physical parameters of the F412R-12MB: | Parameter | Specification | | :--- | :--- | | **Input Voltage** | 12V - 24V DC | | **Stator Diameter** | 41 mm | | **Stator Height** | 12 mm | | **Configuration** | 12N14P (12 Stator Slots, 14 Rotor Poles) | | **KV Rating** | ~100 - 150 KV (Varies by specific winding) | | **Maximum Power** | ~150W - 200W | | **Internal Resistance** | ~0.15 - 0.25 $\Omega$ | --- ### 2. Internal Electronic Components #### A. The Stator (12N) The stator consists of 12 slots wound with high-purity oxygen-free copper wire. * **Winding:** Usually high-temperature rated (up to 180°C) to prevent short circuits during heavy loads. * **Laminations:** Ultra-thin silicon steel sheets (0.2mm) are used to minimize eddy current losses, increasing the efficiency of the magnetic flux. #### B. The Rotor (14P) The rotor features 14 high-strength **N45SH or N52 Neodymium magnets**. * **SH Rating:** The "SH" stands for Super High temperature resistance, ensuring the magnets do not lose their magnetism (demagnetize) under thermal stress. * **Balancing:** Precision balanced to reduce electronic noise and vibration (vibration can interfere with sensitive IMU sensors in robotics). #### C. Bearings and Feedback (Optional) Depending on the specific variant (e.g., integrated with an encoder): * **Encoder:** Often paired with an **AS5048A** or similar magnetic encoder for 14-bit absolute position feedback via SPI or PWM. * **Bearings:** High-quality EZO or NMB bearings to ensure smooth rotation and low electrical noise. --- ### 3. Connection and Control To drive this motor, a 3-phase Brushless ESC (Electronic Speed Controller) is required. ```cpp // Typical Field Oriented Control (FOC) initialization logic void setupMotor() { motor.voltage_limit = 12; // 12V Limit motor.velocity_limit = 20; // Rad/s motor.controller = MotionControlType::velocity; motor.init(); } ``` ### 4. Typical Applications * **Robotic Joints:** High torque for small form factor actuators. * **Camera Gimbals:** Smooth, low-cogging movement for professional cinematography. * **Exoskeletons:** Used in active assistance wearable tech due to the 12MB (12mm) thin profile.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 12N14P and 24N28P pole configurations for this motor size?
    • ⤷ Which ESC current rating is recommended for a 24V setup with this motor?
    • ⤷ Does this motor support integrated magnetic encoders for closed-loop control?