AI

The **F4208** model typically refers to a high-performance **NEMA 17 Stepper Motor** (specifically the 42BYGH series, with "42" representing the 42mm frame size and "08" often denoting the stack length or specific winding configuration). These motors are widely used in 3D printers, CNC machines, and precision robotics.
### 1. Key Technical Specifications
The following table outlines the general electronic and physical characteristics of a standard F4208-style stepper motor:
| Parameter | Specification |
| :--- | :--- |
| **Motor Type** | Bipolar Stepper |
| **Step Angle** | 1.8° (200 steps per revolution) |
| **Rated Voltage** | 12V - 24V DC (typical operating range) |
| **Current / Phase** | 1.5A to 1.7A |
| **Holding Torque** | 40N.cm - 52N.cm |
| **Phase Resistance** | 1.5Ω - 2.4Ω |
| **Inductance** | 2.8mH - 3.5mH |
| **Frame Size** | NEMA 17 (42mm x 42mm) |
---
### 2. Internal Electronic Components
A stepper motor like the F4208 consists of several critical internal parts that work together to convert electrical pulses into mechanical rotation:
* **Stator Windings:** Coils of copper wire arranged around the internal circumference. When energized, they create an electromagnetic field.
* **Permanent Magnet Rotor:** A gear-shaped magnetized component in the center that aligns itself with the stator's magnetic fields.
* **Bearings:** Usually high-quality ball bearings that support the shaft and reduce friction during high-speed stepping.
* **Wiring/Connectors:** Most F4208 motors use a 4-pin JST-PH or XH connector.
* **Phase A:** Pins 1 & 4 (usually Red/Blue)
* **Phase B:** Pins 2 & 3 (usually Green/Black)
---
### 3. Compatible Driving Electronics
To operate the F4208, you cannot plug it directly into a power supply; you require a **Stepper Driver** to manage the current pulses.
```cpp
// Example: Basic Arduino control using an A4988 Driver
const int stepPin = 3;
const int dirPin = 4;
void setup() {
pinMode(stepPin, OUTPUT);
pinMode(dirPin, OUTPUT);
}
void loop() {
digitalWrite(dirPin, HIGH); // Set direction
for(int x = 0; x < 200; x++) { // One full revolution
digitalWrite(stepPin, HIGH);
delayMicroseconds(500);
digitalWrite(stepPin, LOW);
delayMicroseconds(500);
}
delay(1000);
}
```
---
### 4. Common Applications
* **3D Printers:** Used for X, Y, and Z-axis movement (e.g., Creality Ender series).
* **Extruders:** Providing the torque necessary to push filament through the nozzle.
* **CNC Routers:** Precise positioning for cutting tools.
* **Automated Scanners:** Smooth, incremental rotation for imaging.
- ⤷
What is the difference between the F4208 and other NEMA 17 models?
- ⤷ How do I calculate the Vref for a driver used with this motor?
- ⤷ Can this motor be used with a 5V power supply?