전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FAP-01-R/Q

  • AI
    The **FAP-01-R/Q** series refers to specific models of **Fast-Action Fuses** (often identified with brands like Fuji Electric or specialty semiconductor protection lines). These are critical electronic components designed to protect sensitive power electronics. --- ### 1. Technical Overview The FAP-01 series is generally classified as a **Super-Rapid Fuse**, specifically engineered to blow faster than standard glass or ceramic fuses. This is necessary to protect semiconductor devices (IGBTs, Thyristors, and Diodes) which can be destroyed by overcurrent in milliseconds. ### 2. Specifications Table | Feature | Specification (Typical) | | :--- | :--- | | **Type** | Super-Rapid / Fast Acting | | **Rated Voltage** | 250V - 600V AC/DC (varies by sub-model) | | **Rated Current** | 0.1A to 30A (model dependent) | | **Breaking Capacity** | High (designed to clear massive short-circuit currents) | | **Mounting Style** | Plug-in / Clip-mount / PC Board | | **Termination** | Radial or Tab (indicated by R/Q suffix) | --- ### 3. Key Electronic Components & Construction * **The Element:** Made of high-purity silver or copper-silver alloy. It has a specific "notched" geometry to ensure the fuse melts at precise points during a fault. * **The Body:** Usually constructed from high-grade ceramic or melamine resin to withstand high internal pressures and heat during an arc-extinguishing event. * **Arc Quenching Filler:** The interior is often packed with high-purity silica sand. When the fuse blows, the sand melts into glass, absorbing the energy and extinguishing the electrical arc. ### 4. Suffix Meanings (R/Q) The letters at the end of the part number usually denote the physical configuration or standard compliance: * **R:** Often denotes **Radial** leads or a specific **Resin** coating for environmental protection. * **Q:** Often refers to **Quick-connect** terminals or a specific UL/CSA certification class for high-speed clearing. --- ### 5. Applications These parts are commonly found in: 1. **Variable Frequency Drives (VFDs):** Protecting the inverter bridge. 2. **Power Supplies (SMPS):** Acting as a secondary-side fail-safe. 3. **UPS Systems:** Protecting the battery-to-AC conversion stage. 4. **CNC Machinery:** Shielding sensitive control boards from motor surges.
    ✨ Follow-up Questions
    • ⤷ What is the difference in clearing time between FAP-01 and a standard glass fuse?
    • ⤷ How do I choose the correct current rating for a semiconductor fuse?
    • ⤷ Can the FAP-01-R be used in DC circuits as well as AC?