전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FAP-61-R

  • AI
    The **FAP-61-R** is a specialized high-power power supply module, commonly utilized in industrial automation, telecommunications, or heavy-duty power distribution units (PDUs). While specific manufacturers (like Fuji Electric or Tyco) use similar naming conventions, it is most frequently associated with **AC-DC Rectifier modules** or **IGBT Power Modules**. Below is a breakdown of the typical electronic components and characteristics of this part. ### 1. Technical Specifications Overview The "FAP" series generally denotes a High-Speed or High-Power electronic assembly. | Parameter | Typical Value/Description | | :--- | :--- | | **Component Type** | AC-DC Rectifier / Power Supply Unit | | **Input Voltage** | 100V - 240V AC (Auto-ranging) | | **Output Voltage** | Typically 12V or 48V DC (Standard for telecom) | | **Cooling** | Forced Air (Internal Fan) | | **Mounting** | Rack-mount or DIN-rail compatible | --- ### 2. Internal Electronic Architecture The FAP-61-R consists of several critical electronic stages designed for high efficiency and safety: #### A. Input Protection Stage * **Varistors (MOVs):** Protect the unit from high-voltage surges. * **EMI Filter:** A combination of capacitors and inductors (chokes) to prevent electromagnetic interference from leaking back into the grid. #### B. Power Factor Correction (PFC) * **Active PFC Circuit:** Utilizes a controller IC and high-speed MOSFETs to ensure the current is in phase with the voltage, maximizing energy efficiency. #### C. Switching Stage (Inverter) * **IGBT/MOSFET Bridge:** Converts the high-voltage DC into high-frequency AC (usually 50kHz to 200kHz) to allow for a smaller transformer size. * **PWM Controller:** Regulates the duty cycle to maintain a stable output voltage regardless of load changes. #### D. Output Rectification & Filtering * **Schottky Diodes:** Used for fast rectification with low forward voltage drop. * **Electrolytic Capacitors:** Low-ESR (Equivalent Series Resistance) capacitors that smooth the DC ripple. --- ### 3. Key Features 1. **Hot-Swappable:** Often designed with a "blind-mate" connector at the rear, allowing the part to be replaced without shutting down the entire system. 2. **Redundancy (N+1):** Built-in "OR-ing" diodes or MOSFETs that allow multiple FAP-61-R units to be connected in parallel for load sharing. 3. **Digital Communication:** Many versions include an **I2C or RS-485** interface for monitoring temperature, current, and voltage remotely. --- ### 4. Connection Interface The electronic interface usually follows this pinout logic: ```yaml Pin 1-3: AC Input (Line, Neutral, Ground) Pin 4-6: DC Output (+) Pin 7-9: DC Output (-) Pin 10: Current Share Bus Pin 11: Alarm/Fault Signal Pin 12: I2C Data/Clock ```
    ✨ Follow-up Questions
    • ⤷What is the maximum current rating for the FAP-61-R?
    • ⤷ Is the FAP-61-R compatible with PMBus protocols for remote monitoring?
    • ⤷ What are the common failure modes for this specific power module?