전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FCI2012F-R10K

  • AI
    The **FCI2012F-R10K** is a surface-mount multilayer ferrite chip inductor commonly used in high-frequency power circuits and signal filtering. --- ## 1. Part Number Breakdown Understanding the nomenclature helps identify its physical and electrical characteristics: | Code Segment | Description | Value | | :--- | :--- | :--- | | **FCI** | Series Name | Ferrite Chip Inductor | | **2012** | Case Size (Metric) | 2.0mm x 1.25mm (0805 Imperial) | | **F** | Material Code | Standard Ferrite Material | | **R10** | Inductance Value | 0.10 µH (100 nH) | | **K** | Tolerance | ±10% | --- ## 2. Technical Specifications Below are the typical electrical parameters for this component: | Parameter | Specification | | :--- | :--- | | **Inductance** | 0.10 µH (100 nH) | | **Tolerance** | ±10% | | **Test Frequency** | 25 MHz | | **DC Resistance (Max)** | 0.15 - 0.20 Ω | | **Rated Current (Max)** | ~300 mA | | **Self-Resonant Frequency (SRF)** | >235 MHz | | **Operating Temperature** | -40°C to +125°C | --- ## 3. Physical Construction The device is a **Multilayer Ferrite Inductor**, which differs from wire-wound types: * **Monolithic Structure:** It consists of alternating layers of ferrite paste and conductive electrode paste (usually Silver). * **Magnetic Shielding:** Because the magnetic flux is contained within the ferrite body, these parts exhibit very low electromagnetic interference (EMI) and are ideal for high-density PCB layouts. * **Terminations:** Usually finished with Nickel (Ni) and Tin (Sn) for excellent solderability and heat resistance during reflow. --- ## 4. Typical Applications * **Power Supply Lines:** Decoupling and noise suppression in DC-DC converters. * **Signal Integrity:** Used in high-speed data lines to filter out high-frequency noise. * **Mobile Electronics:** Ideal for smartphones, tablets, and wearables due to the small **0805** footprint. * **General Filtering:** LC filters and impedance matching circuits. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a ferrite chip inductor and a wire-wound inductor?
    • ⤷ How does the self-resonant frequency affect the performance of this part?
    • ⤷ Can this inductor be used for high-current power applications?