전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FCLM635S20LD0

  • AI
    The **FCLM635S20LD0** is a specific model of a **Coaxial Pigtail Laser Diode**. It is primarily used in fiber optic communications, sensing, and alignment applications where a red laser source needs to be coupled directly into a fiber optic cable. ### 1. Technical Specifications Overview Based on the part number nomenclature typically used for these components, here are the primary electronic and optical characteristics: | Parameter | Specification (Typical) | | :--- | :--- | | **Wavelength** | 635 nm (Visible Red) | | **Output Power** | 20 mW (into the fiber) | | **Package Type** | Coaxial Pigtail (with fiber lead) | | **Threshold Current** | ~40 - 60 mA | | **Operating Current** | ~80 - 110 mA | | **Operating Voltage** | 2.2V - 2.6V | | **Fiber Type** | Single Mode (SM) or Multi-Mode (MM) (Variable by sub-spec) | --- ### 2. Key Electronic Components The device is not just a light bulb; it is a complex semiconductor assembly consisting of several internal parts: * **Laser Diode Chip (GaInP/AlGaInP):** The active semiconductor that converts electrical energy into coherent light. 635nm diodes are high-brightness red lasers. * **Monitor Photodiode (MPD):** Most units include a built-in photodiode. It measures the light output from the back facet of the laser chip to provide feedback to the driver circuit (Auto Power Control). * **Internal Thermistor (Optional):** Some high-precision models include a NTC thermistor to monitor temperature, as laser wavelength and life are highly temperature-dependent. * **Optical Isolator (Optional):** May be included to prevent back-reflections from the fiber from destabilizing the laser cavity. --- ### 3. Pin Configuration and Driving A standard pigtail laser diode typically has 3 or 4 pins. The wiring usually follows one of these common patterns: ```text Pin 1: Laser Diode Anode (+) Pin 2: Laser Diode Cathode (-) / Case Ground Pin 3: Photodiode Anode (+) Pin 4: Photodiode Cathode (-) ``` > **Warning:** Laser diodes are extremely sensitive to **Electrostatic Discharge (ESD)** and current spikes. Always use a constant-current driver circuit rather than a constant-voltage source. --- ### 4. Applications * **Fiber Fault Locators:** Used in handheld tools to find breaks in fiber optic cables (Visual Fault Locators). * **Alignment Systems:** Providing a visible red reference beam for invisible IR laser systems. * **Medical Equipment:** Used as a targeting beam for surgical lasers. * **Optical Sensors:** Used in industrial distance or presence sensing.
    ✨ Follow-up Questions
    • ⤷ What are the recommended ESD protection steps for handling this laser diode?
    • ⤷ Can you provide a basic driver circuit diagram for a 635nm laser?
    • ⤷ How does temperature affect the wavelength of the FCLM635S20LD0?