전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FCR-0F-R

  • AI
    ## Analysis of the FCR-0F-R Electronic Part The **FCR-0F-R** is a specific electronic component typically categorized as a **fixed resistor**, specifically a **Metal Oxide Film Resistor**. These components are widely used in power circuits due to their stability and heat resistance. --- ### 1. Key Technical Specifications | Feature | Specification | Description | | :--- | :--- | :--- | | **Component Type** | Metal Oxide Film Resistor | Provides better stability than carbon film. | | **Power Rating** | Varies (Standard 1W to 5W) | Check specific datasheet for the "0F" frame size. | | **Tolerance** | ±5% (Standard) | The precision of the resistance value. | | **Operating Temp** | -55°C to +155°C | High-temperature tolerance for power applications. | | **Construction** | Axial Leaded | Standard through-hole mounting. | --- ### 2. Functional Characteristics * **Flameproof Coating:** The "FCR" series is generally coated with a non-flammable material. In the event of an overload, the resistor will open without catching fire, acting as a safety fuse. * **High Stability:** Metal oxide films are resistant to oxidation and maintain their resistance value even under high humidity or temperature fluctuations. * **Low Noise:** These resistors produce significantly less thermal noise compared to carbon composition resistors. --- ### 3. Common Applications These parts are commonly found in: 1. **Power Supplies:** Used for current limiting or voltage dropping. 2. **Surge Protection:** Acting as a sacrificial component in a circuit to protect sensitive ICs. 3. **Home Appliances:** High-wattage circuits like heaters or motor controllers. 4. **Audio Equipment:** Used in power stages where heat dissipation is necessary. --- ### 4. Part Number Breakdown (Generic) | Code | Meaning | | :--- | :--- | | **FCR** | Flameproof Carbon/Metal Oxide Series | | **0F** | Size/Power Code (Refers to physical dimensions and wattage) | | **R** | Packaging Code (Typically "Reel" or "RoHS Compliant") | ---
    ✨ Follow-up Questions
    • ⤷What is the exact resistance value for this specific part number?
    • ⤷ Can this resistor be used as a substitute for a wirewound resistor?
    • ⤷ What are the dimensions of the 0F package size?