FCR-4W5-R
AI

The **FCR-4W5-R** is a specific electronic component identifier typically associated with **Power Resistors**, specifically a **Flameproof Carbon Film Resistor**.
Below is a detailed breakdown of its specifications, construction, and technical characteristics.
---
## 1. Technical Specifications
The part number follows a standard industry nomenclature for passive components.
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Component Type** | Carbon Film Resistor | Uses a carbon film deposited on a ceramic core. |
| **Power Rating** | 1/4W (0.25 Watts) | The "4W" in some series denotes the size/rating logic. |
| **Resistance Value** | 5.1 Ohms (Typically) | The "5" in "4W5" often refers to the base multiplier. |
| **Tolerance** | ±5% (J) | Standard precision for carbon film types. |
| **Safety Feature** | Flameproof | Designed not to ignite under severe overload. |
| **Mounting** | Through-Hole | Axial leaded for PCB mounting. |
---
## 2. Component Construction
The FCR series is engineered for reliability in power-sensitive circuits.
### Materials
* **Core:** High-grade ceramic rod providing thermal stability.
* **Resistive Element:** A thin film of carbon vacuum-deposited onto the core.
* **Coating:** A multi-layer non-flame coating (usually light grey or pink) that prevents combustion if the resistor fails due to excessive heat.
* **Terminals:** Tinned copper leads for easy soldering.
### Key Characteristics
1. **Pulse Handling:** Better pulse load capability compared to metal film resistors.
2. **Heat Dissipation:** Designed to operate at high temperatures without melting or catching fire.
3. **Stability:** Maintains resistance stability under normal operating conditions, though carbon film has a higher temperature coefficient than metal film.
---
## 3. Applications
The FCR-4W5-R is commonly used in environments where safety and cost-effectiveness are priorities:
* **Power Supplies:** Used as a bleeder resistor or for current limiting.
* **Consumer Electronics:** Found in TVs, monitors, and home appliances.
* **Inrush Current Limiting:** Protecting sensitive components during initial power-up.
* **Safety Circuits:** Used where a "fusible" or non-flammable failure mode is required.
---
## 4. Part Number Decoding (Typical)
While manufacturers vary slightly, the code usually breaks down as follows:
```text
FCR - 4W - 5R - [Suffix]
| | | |
Series Power Resistance Packaging/Tolerance
```
---
- ⤷
What is the maximum operating temperature for FCR series resistors?
- ⤷ How does a flameproof resistor differ from a standard fusible resistor?
- ⤷ Can this resistor be replaced with a metal film equivalent of the same wattage?