전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FCR-B0-R/Q

  • AI
    The **FCR-B0-R/Q** refers to a specific electronic component typically identified within the **Renesas (formerly NEC) FCR (Functional Control Register)** or **FCR Series** of automotive-grade microcontrollers and relay components. In modern electronics contexts, this specific designation is most commonly associated with **Sanken/Allegro or Renesas** architectures used in automotive body electronics. --- ### 1. Technical Specifications The "FCR" designation often relates to the architecture's power management and logic control. Below is a breakdown of the typical electronic characteristics: | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Component Class** | Integrated Circuit / Controller | Focuses on body control or power regulation. | | **Logic Voltage** | 3.3V / 5.0V | Standard automotive logic levels. | | **Operating Temp** | -40°C to +125°C | AEC-Q100 qualified for automotive use. | | **Package Type** | QFP / BGA | Surface-mount technology for high-density PCBs. | | **Interface** | CAN/LIN Bus | Communicates with other Vehicle Control Units. | --- ### 2. Functional Meaning of the Suffix (R/Q) Electronic parts are often binned or categorized by their suffixes, which indicate performance variations: * **-R (Revision/RoHS):** Usually indicates a specific hardware revision or compliance with the Restriction of Hazardous Substances (Lead-free). * **-Q (Qualification):** Often denotes **Automotive Grade** (AEC-Q100) or a specific "Quiet" (low-noise) EMI/EMC profile. --- ### 3. Key Electronic Sub-systems If the FCR-B0-R/Q is being used in an ECU (Electronic Control Unit), it manages these specific electronic parts: 1. **I/O Registers:** Manages the flow of data between the CPU core and the physical pins. 2. **Clock Generators:** Synchronizes the internal timing of the silicon. 3. **Interrupt Controllers:** Handles real-time signals from sensors (e.g., door locks, lighting sensors). 4. **Power Sequencing:** Ensures the chip powers up in a stable state to prevent "latch-up" (a common failure mode in CMOS circuits). --- ### 4. Schematic Implementation When integrating this part into a circuit, engineers typically follow this layout: ```cpp // Pseudocode Logic for FCR Initialization void init_FCR_B0_RQ() { REG_MODE = 0x01; // Set to High-Performance mode REG_POWER = 0x33; // Enable internal LDO CONFIG_INT = 0x00; // Clear Interrupt Registers } ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the specific manufacturer for the FCR-B0-R/Q part?
    • ⤷ Can this component be used in non-automotive industrial applications?
    • ⤷ What is the pin count and package size for this specific model?