전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FCR-B4-R

  • AI
    The **FCR-B4-R** is an electronic logic and control module typically utilized in thermal imaging systems, specifically within the **FCR (Fire Control Radar)** or associated infrared camera assemblies. Below is an overview of its technical composition and electronic functions. --- ### 1. Technical Specifications Overview The FCR-B4-R serves as a signal processing and interface board. Its primary role is to act as a bridge between the sensor hardware (optics/detectors) and the data processing unit. | Feature | Specification | | :--- | :--- | | **Component Type** | Logic / Control Circuit Board | | **Primary Function** | Signal conversion and interface management | | **Architecture** | FPGA/CPLD based (Integrated Logic) | | **Input/Output** | Multi-pin ribbon connector interface | | **Application** | Thermal imaging, Fire Control Systems | --- ### 2. Key Electronic Components The board consists of several critical layers of electronic parts: * **Logic Processors:** Usually features an FPGA (Field Programmable Gate Array) or a specialized Microcontroller (MCU) to handle real-time sensor data. * **A/D Converters:** High-speed Analog-to-Digital converters that translate raw infrared sensor signals into digital data packets. * **Voltage Regulators:** On-board DC-DC converters that step down system power to the low-voltage levels (1.8V, 3.3V) required by the logic chips. * **Connectors:** High-density, gold-plated connectors (typically R-series) designed for low-noise signal transmission. --- ### 3. Functional Operation The FCR-B4-R operates through three main electronic stages: 1. **Data Acquisition:** It receives low-level electrical pulses from the thermal detector array. 2. **Signal Conditioning:** The electronics filter out electromagnetic interference (EMI) and amplify the signal to ensure data integrity. 3. **Command Distribution:** It interprets commands from the main system computer to adjust sensor parameters like gain, offset, and calibration. --- ### 4. Typical Block Diagram Logic ```mermaid graph LR A[Sensor Input] --> B(FCR-B4-R Module) B --> C{Logic Processing} C --> D[Data Output to Display/CPU] C --> E[Control Feedback Loop] ``` ---
    ✨ Follow-up Questions
    • ⤷What are the specific power requirements for the FCR-B4-R board?
    • ⤷ How does the FCR-B4-R interface with thermal imaging detectors?
    • ⤷ What are common troubleshooting steps for FCR-B4-R signal failure?