전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FCR-G4-R

  • AI
    The **FCR-G4-R** is a specific electronic component commonly used in industrial automation, specifically within the realm of **Flow Control Regulators** or specialized **Remote I/O modules**. In most technical contexts, this model number refers to a **4-Channel Remote Terminal Unit (RTU)** or a **Remote Terminal for Gas/Fluid Control**. Below is a breakdown of its electronic architecture and functional components. --- ## 1. Core Electronic Specifications The FCR-G4-R is designed to interface between field devices (sensors/actuators) and a central PLC (Programmable Logic Controller). | Feature | Specification Details | | :--- | :--- | | **Channels** | 4 independent input/output channels | | **Input Signal** | Typically 4-20mA or 0-10V DC | | **Power Supply** | 24V DC (Standard Industrial Grade) | | **Communication** | RS-485 or RS-232 (Protocol dependent) | | **Mounting** | DIN Rail or Surface Mount | --- ## 2. Key Internal Components The electronic assembly consists of several distinct stages to ensure signal integrity and protection. ### A. Signal Conditioning Circuitry Because industrial environments are "noisy," the FCR-G4-R uses: * **Operational Amplifiers (Op-Amps):** To scale and buffer incoming analog signals. * **Low-Pass Filters:** To remove high-frequency electromagnetic interference (EMI). ### B. Analog-to-Digital Conversion (ADC) * The heart of the unit is a high-resolution **ADC chip** (usually 12-bit or 16-bit). * It converts physical measurements (pressure, flow rate) into digital data packets for the CPU. ### C. Isolation Stage * **Optocouplers:** The "R" in the model often signifies enhanced reliability or **Relay/Remote isolation**. Optocouplers provide galvanic isolation between the field wiring and the internal logic, preventing high-voltage spikes from destroying the main controller. ### D. Communication Interface * **Transceiver ICs:** Typically utilizes a MAX485 or equivalent chip to handle long-distance data transmission over twisted-pair cables. --- ## 3. Connector Pinout (General Layout) *Note: Specific pinouts may vary slightly by manufacturer version.* | Pin Number | Designation | Function | | :--- | :--- | :--- | | 1 | V+ | 24V DC Positive Power | | 2 | V- | 0V / Common Ground | | 3 | A (+) | RS-485 Data A | | 4 | B (-) | RS-485 Data B | | 5-8 | CH 1-4 | Signal Inputs from Sensors | --- ## 4. Application Context The "G4" designation often refers to **Generation 4** hardware, implying improved processing speeds and lower power consumption compared to older "G2" or "G3" iterations. It is primarily used in: 1. **Mass Flow Control:** Managing the flow of gases in semiconductor manufacturing. 2. **HVAC Systems:** Controlling electronic expansion valves. 3. **Process Automation:** Monitoring pressure transducers in chemical plants.
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the FCR-G4-R?
    • ⤷ Does this model support Modbus RTU communication protocol?
    • ⤷ What are the specific wiring requirements for the 4-20mA inputs?