전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FCR-G6-R

  • AI
    The **FCR-G6-R** is an electronic component primarily classified as a **Fiber Optic Receiver** module. It is commonly used in digital audio equipment (like TOSLINK interfaces) and industrial communication systems to convert optical light signals into electrical signals. --- ## 1. Technical Specifications The following table outlines the primary electrical characteristics of the FCR-G6-R: | Parameter | Description | | :--- | :--- | | **Component Type** | Optical Receiver (Photodetector + Pre-amp) | | **Data Rate** | Typically up to 16 Mbps (standard for digital audio) | | **Operating Voltage** | 2.7V to 5.5V DC | | **Output Type** | TTL / CMOS Compatible (Digital Logic) | | **Connector Type** | Square Type (JIS F05 compatible) | | **Wavelength** | Peak sensitivity at ~650 nm (Red Light) | --- ## 2. Internal Electronic Architecture The FCR-G6-R is an integrated unit consisting of several internal stages: 1. **Photodiode:** Captures the incoming light pulses from the fiber optic cable. 2. **Transimpedance Amplifier (TIA):** Converts the small current generated by the photodiode into a usable voltage. 3. **Waveform Shaper:** Cleans up the signal to ensure sharp transitions between "High" (1) and "Low" (0) logic levels. 4. **Output Buffer:** Drives the electrical signal to the main PCB’s microcontrollers or DSPs. --- ## 3. Pin Configuration The device typically uses a 3-pin layout for easy integration into electronic circuits: | Pin Number | Name | Function | | :--- | :--- | :--- | | 1 | **Vout** | Digital Data Output (Electrical signal) | | 2 | **GND** | Ground (0V) | | 3 | **Vcc** | Power Supply Input (usually +5V or +3.3V) | --- ## 4. Key Applications * **Digital Audio:** Standard interface for SPDIF/TOSLINK ports on TVs, AV Receivers, and Soundcards. * **Galvanic Isolation:** Used to connect two electronic systems while preventing electrical noise or ground loops. * **Industrial Control:** High-speed data transmission in environments with high Electromagnetic Interference (EMI). ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the FCR-G6-R receiver and its corresponding transmitter?
    • ⤷ Can the FCR-G6-R operate effectively at 3.3V versus 5V?
    • ⤷ What is the maximum fiber optic cable length supported by this receiver?