전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FCR-J5W-R

  • AI
    The **FCR-J5W-R** is a specific electronic component, typically categorized as a **Cement Fixed Resistor**. These components are widely used in power supply circuits and industrial applications due to their high heat resistance and durability. --- ## 1. Technical Specifications Below is a breakdown of the typical technical parameters for the FCR series (based on standard industry naming conventions for these power resistors): | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Cement Fixed Resistor (Wirewound or Metal Oxide) | | **Power Rating** | 5 Watts | | **Resistance Value** | Defined by "J" (Tolerance) and "R" (Ohms) | | **Tolerance** | ±5% (indicated by the "J") | | **Operating Temperature** | -55°C to +155°C (or higher depending on load) | | **Housing Material** | Ceramic case with Inorganic Silica filler | --- ## 2. Component Breakdown The part number can be decoded as follows: * **FCR**: Series name (Flameproof Ceramic Resistor / Cement Resistor). * **5W**: Power dissipation capacity. It can safely handle up to 5 Watts of power. * **J**: Tolerance code. In the electronic industry, "J" stands for **±5%**. * **R**: Indicates the resistance unit (Ohms). If there is a number before it (e.g., 10R), it means 10 Ohms. If it is just "R", it often refers to the decimal point or base resistance. --- ## 3. Key Features * **Heat Dissipation:** The ceramic (cement) body provides excellent insulation and heat resistance. * **Flameproof:** Designed to not catch fire even under severe overload conditions. * **Moisture Resistance:** The inorganic filling protects the internal resistive element from humidity. * **Safety:** Often used as a "fusible" element in some circuits to protect more expensive components from overcurrent. --- ## 4. Common Applications These resistors are commonly found in: 1. **Power Supplies:** Used for current sensing or as bleeder resistors. 2. **Motor Controllers:** Providing starting resistance or braking. 3. **Audio Amplifiers:** Used in output stages to stabilize current. 4. **Household Appliances:** Washing machines and air conditioners for power regulation. --- ## 5. Equivalent/Substitution Considerations If you are looking for a replacement, ensure the following match: ```text 1. Power Rating: Must be 5W or higher. 2. Resistance: Must match the Ohm value exactly. 3. Tolerance: "J" (5%) is standard, but "F" (1%) can be used as an upgrade. 4. Physical Size: Ensure the lead pitch (distance between legs) fits your PCB. ```
    ✨ Follow-up Questions
    • ⤷ What is the specific Ohm value for your version of the FCR-J5W-R?
    • ⤷ Do you need help calculating the voltage drop across this 5W resistor?
    • ⤷ Are you looking for a surface-mount (SMD) alternative to this through-hole component?