FCRS-Z2-R
AI

The **FCRS-Z2-R** is a specialized electronic component, typically identified as a high-precision **Thin Film Chip Resistor Network** or a specific **Current Sense Resistor** series (often associated with brands like Susumu or similar precision manufacturers).
Below is a breakdown of the electronic characteristics and technical specifications typical of this part category.
---
### 1. General Specifications
The FCRS series focuses on low resistance values and high stability. The "Z2" designation often refers to the package size or a specific configuration of the resistor array.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Type** | Metal Foil / Thin Film Chip Resistor |
| **Mounting Type** | Surface Mount (SMD) |
| **Resistance Range** | Low milliohm (mΩ) range |
| **Tolerance** | ±0.5% to ±1.0% |
| **Power Rating** | 0.5W to 2W (depending on size) |
| **Operating Temp** | -55°C to +155°C |
---
### 2. Key Electronic Features
#### A. Low Inductance
Because these parts are often used in high-frequency switching power supplies, they are designed with a **non-inductive structure**. This prevents spikes in voltage during rapid current changes ($V = L \cdot di/dt$), ensuring clean signal sensing.
#### B. Temperature Coefficient of Resistance (TCR)
The "R" suffix often denotes a specific TCR rating or RoHS compliance. In precision circuits, the FCRS-Z2-R maintains a low TCR (e.g., **±50ppm/°C**), meaning the resistance value stays stable even as the component heats up during operation.
#### C. Four-Terminal (Kelvin) Connection
If this specific variant utilizes a "Z" configuration, it may support a **4-terminal setup**. This separates the current path from the voltage sensing path, eliminating the effect of lead and contact resistance for extreme accuracy.
---
### 3. Application Use Cases
The electronic design of the FCRS-Z2-R makes it ideal for the following circuits:
* **Battery Management Systems (BMS):** Monitoring charge/discharge cycles.
* **DC-DC Converters:** Sensing output current for feedback loops.
* **Motor Control:** Detecting phase current for torque regulation.
* **Overcurrent Protection:** Acting as a shunt to trigger safety shutdowns.
---
### 4. Technical Comparison
How the FCRS-Z2-R compares to standard thick-film resistors:
| Characteristic | Standard Thick Film | FCRS-Z2-R (Thin Film/Foil) |
| :--- | :--- | :--- |
| **Noise** | High | Ultra-Low |
| **Stability** | Moderate | High |
| **Precision** | Low | High |
| **Current Handling** | Standard | Optimized for High Current |
---
- ⤷
What is the exact footprint/package size (e.g.
- ⤷ 0805
- ⤷ 1206) for the FCRS-Z2-R?
- ⤷ How does the Kelvin 4-terminal connection improve measurement accuracy in this part?
- ⤷ Can this component be used in automotive-grade (AEC-Q200) applications?