전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FDFMA2P853_06

  • AI
    The **FDFMA2P853_06** is a high-performance integrated power solution manufactured by **onsemi** (formerly Fairchild Semiconductor). It is a composite device that combines a **P-Channel MOSFET** and a **Schottky Diode** in a single MicroFET package. --- ## 1. Key Component Specifications | Parameter | P-Channel MOSFET | Schottky Diode | | :--- | :--- | :--- | | **Drain-Source Voltage ($V_{DS}$)** | -20V | - | | **Continuous Drain Current ($I_D$)** | -3.0A | - | | **Static Drain-Source On-Resistance ($R_{DS(on)}$)** | 120mΩ @ -4.5V | - | | **Forward Voltage ($V_F$)** | - | 0.37V @ 0.5A | | **Forward Current ($I_F$)** | - | 1.0A | --- ## 2. Structural Features ### Integrated Schottky Diode The inclusion of a Schottky diode provides a low forward voltage drop. This is critical for improving efficiency in DC-DC conversion by minimizing conduction losses during the "off" cycle of the switching FET. ### MicroFET 2x2 Package This part uses a **MicroFET 2x2mm** molded leadless package. - **Thermal Performance:** Excellent heat dissipation compared to standard SOT packages. - **Footprint:** Extremely small, making it ideal for space-constrained mobile and portable applications. --- ## 3. Pin Configuration & Internal Logic The device is designed specifically for **Charging** and **Power Management** circuits. * **P-Channel MOSFET:** Usually acts as the high-side switch. It is "On" when the gate-source voltage ($V_{GS}$) is negative. * **Schottky Diode:** Connected in a way that typically facilitates reverse battery protection or serves as a boost/flyback diode. --- ## 4. Typical Applications The FDFMA2P853_06 is commonly found in the following environments: 1. **Cellular Handsets:** Power management and battery charging circuits. 2. **Portable Devices:** Media players, tablets, and digital cameras. 3. **DC-DC Converters:** Small-scale buck or boost regulators where space is at a premium. 4. **Load Switching:** Using the MOSFET to connect or disconnect peripheral power rails. --- ## 5. Technical Advantages * **Efficiency:** The low $R_{DS(on)}$ reduces power dissipation during the "On" state. * **Simplified Design:** Combining two components into one reduces the Bill of Materials (BOM) count and saves PCB trace space. * **Low Gate Charge:** Allows for fast switching speeds with minimal drive current.
    ✨ Follow-up Questions
    • ⤷ What are the thermal resistance (Rja) values for the MicroFET 2x2 package?
    • ⤷ Can this part be used for reverse polarity protection in 12V systems?
    • ⤷ What is the maximum power dissipation (Pd) allowed for the FDFMA2P853_06?