전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FF20-40A-R11A

  • AI
    The **FF20-40A-R11A** is a specific type of Electronic Component, primarily identified as a **Flexible Printed Circuit (FPC) Connector**. It is manufactured by **DDK (Dai-Ichi Denshi Kogyo)**. Below is a detailed breakdown of its electronic and mechanical characteristics. --- ### 1. General Specifications The FF20 series is designed for high-density mounting in compact electronic devices (such as laptops, cameras, and handheld terminals). | Feature | Specification | | :--- | :--- | | **Manufacturer** | DDK Ltd. | | **Part Series** | FF20 | | **Number of Pins** | 40 Positions | | **Pitch** | 0.5 mm | | **Mounting Type** | Surface Mount (SMT) / Right Angle | | **Actuator Type** | ZIF (Zero Insertion Force) Flip-Lock | | **Contact Location** | Bottom Contact | --- ### 2. Key Electronic Features * **Low Profile:** These connectors are designed with a very low height (usually around 1.0mm to 1.5mm) to fit inside slim electronic enclosures. * **Zero Insertion Force (ZIF):** The "FF" series utilizes a locking slider or "flip" mechanism. This means the FPC cable can be inserted without friction, preventing wear on the delicate gold-plated fingers of the cable. * **Contact Reliability:** The R11A designation often refers to the specific plating and orientation (Bottom Contact), ensuring that the electrical path between the PCB and the FPC is stable and resistant to vibration. --- ### 3. Material Composition | Component | Material | | :--- | :--- | | **Housing** | LCP (Liquid Crystal Polymer) - Heat resistant for reflow soldering | | **Contacts** | Copper Alloy | | **Contact Plating** | Gold plating over Nickel (prevents oxidation) | | **Actuator** | PPS or specialized heat-resistant resin | --- ### 4. Common Applications Due to its 0.5mm pitch and 40-pin density, this part is commonly found in: 1. **LCD Display Connections:** Linking a mainboard to a small display panel. 2. **Touch Panels:** Connecting digitizers to the processing unit. 3. **Optical Disk Drives:** Internal data transfer for slim drives. 4. **Medical Handhelds:** High-density signal routing in portable equipment. --- ### 5. Technical Precautions * **Heat Sensitivity:** Since it is an SMT component, it must be soldered using a specific reflow profile to avoid melting the plastic housing. * **Cable Thickness:** This connector is typically designed for FPC/FFC cables with a thickness of **0.3mm (±0.03mm)**. Using a thicker cable can damage the ZIF locking bridge.
    ✨ Follow-up Questions
    • ⤷What is the difference between top and bottom contact versions for this connector?
    • ⤷ Can I use a 40-pin FFC cable from a different manufacturer with this DDK connector?
    • ⤷ What is the recommended solder reflow temperature for the FF20 series?