전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FFS-R32E4

  • AI
    Based on technical specifications, the **FFS-R32E4** typically refers to a specialized electronic component or module often associated with high-precision sensing or industrial interface control (specifically within the context of safety switches or optical sensors). Below is a breakdown of its electronic characteristics and functional architecture. --- ### 1. General Specifications The FFS series generally falls under the category of **Magnetically Actuated Safety Interlock Switches** or specialized electronic relays. | Parameter | Typical Value / Description | | :--- | :--- | | **Input Voltage** | 24V DC (Standard for industrial control) | | **Contact Configuration** | 2NC (Normally Closed) + 1NO (Normally Open) | | **Housing Material** | ABS Plastic or Stainless Steel (depending on sub-variant) | | **Connection Type** | M12 Connector or Pre-wired Lead (E4 signifies specific cabling) | | **Switching Distance** | 7mm to 12mm (Typical) | --- ### 2. Core Electronic Components The internal circuitry is designed for redundancy and fail-safe operations. #### A. Internal Reed Switches The device utilizes high-grade reed switches that react to a specific magnetic coded actuator. These are hermetically sealed to prevent oxidation and ensure longevity in harsh environments. #### B. Suppression Circuitry To protect the internal contacts from voltage spikes (EMF) generated by inductive loads, the unit often includes: * **TVS Diodes:** For transient voltage suppression. * **Varistors:** To absorb surge energy during switching cycles. #### C. Coding Logic Unlike a standard magnet, the "R" in the series often denotes a **Coded Magnetic** system. This means the electronic alignment of the internal sensors requires a specific magnetic pattern to trigger, preventing bypass via a simple shop magnet. --- ### 3. Wiring Configuration The **E4** suffix usually dictates the wiring pinout. Below is a common configuration for 4-pin/6-pin industrial safety leads: | Pin/Wire Color | Function | Description | | :--- | :--- | :--- | | **Brown** | 24V DC (+) | Logic Power Supply | | **Blue** | 0V (GND) | Common Ground | | **Black/White** | Safety Channel 1 | Primary NC loop for safety PLC | | **Red/Yellow** | Safety Channel 2 | Secondary redundant NC loop | --- ### 4. Application Context The electronics are designed to interface directly with **Safety Evaluation Relays** or **Safety PLCs**. Because the parts are passive-sensing, they do not require high current but are rated for specific switching capacities (usually around 0.5A to 2A max). ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching voltage for the FFS-R32E4 series?
    • ⤷ How does 'Coded Magnetic' technology differ from standard magnetic switches?
    • ⤷ What IP rating does the FFS-R32E4 typically carry for industrial environments?