전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FFS-R33A3

  • AI
    The **FFS-R33A3** is a high-performance, single-axis fiber optic gyroscope (FOG) sensor module. It is primarily used for precise angular rate sensing in aerospace, marine, and robotic stabilization systems. --- ## 1. Core Electronic Architecture The FFS-R33A3 operates on the principle of the **Sagnac Effect**. Electronically, it consists of several integrated subsystems that process optical signals into digital or analog data. ### Key Internal Components | Component | Function | | :--- | :--- | | **SLD (Superluminescent Diode)** | The light source that emits broadband light into the fiber coil. | | **Fiber Optic Coil** | A long spool of polarization-maintaining fiber that acts as the sensing element. | | **Photodetector** | Converts the returning optical interference pattern into an electrical current. | | **Integrated Optic Chip (IOC)** | Performs light splitting, polarization, and high-frequency phase modulation. | | **Signal Processing PCBA** | Contains the FPGA/DSP, ADC, and DAC for closed-loop control. | --- ## 2. Technical Specifications Below are the typical electronic and performance characteristics associated with the R33A3 series: | Parameter | Specification (Typical) | | :--- | :--- | | **Input Voltage** | +5V DC (±5%) | | **Power Consumption** | ≤ 3W (Stable) | | **Output Interface** | RS-422 (Digital) / Analog optional | | **Data Update Rate** | Up to 1000 Hz | | **Bias Instability** | ≤ 0.1°/hr | | **Scale Factor Linearity** | ≤ 100 ppm | --- ## 3. Signal Processing Flow The electronic operation follows a "Closed-Loop" digital design to ensure high linearity and stability: 1. **Phase Modulation:** The electronics apply a digital "ramp" or square wave modulation to the light via the IOC to maintain a zero-fringe position. 2. **Detection:** The photodetector captures the interference signal. 3. **Digital Conversion:** A high-speed **Analog-to-Digital Converter (ADC)** digitizes the photodetector output. 4. **Feedback Loop:** An onboard **FPGA** calculates the phase shift caused by rotation and applies a feedback voltage to cancel it out. This feedback value is what constitutes the rotation rate data. 5. **Output:** The processed data is transmitted via the **RS-422** transceiver to the host system. --- ## 4. Pinout and Interface (RS-422) The device typically utilizes a multi-pin micro-connector. A standard configuration involves: ```text Pin 1: VCC (+5V) Pin 2: GND (Power) Pin 3: RS-422 T+ Pin 4: RS-422 T- Pin 5: RS-422 R+ Pin 6: RS-422 R- Pin 7: Case Ground ```
    ✨ Follow-up Questions
    • ⤷ What are the primary differences between the R33A3 and MEMS-based gyroscopes?
    • ⤷ How do environmental temperatures affect the electronic bias of this sensor?
    • ⤷ Can the RS-422 baud rate be customized for specific flight controllers?