전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FFS-R33E3

  • AI
    The **FFS-R33E3** is a high-performance, single-axis fiber optic gyroscope (FOG) component, typically used in aerospace, tactical-grade navigation, and stabilization systems. It is part of the FFS series designed for precision sensing. --- ### 1. Core Technical Specifications The electronics of the FFS-R33E3 are centered around measuring the Sagnac effect using a closed-loop fiber optic architecture. | Parameter | Typical Value / Description | | :--- | :--- | | **Measurement Axis** | Single Axis (Z-axis by default) | | **Bias Instability** | $\leq$ 0.1°/hr (Tactical Grade) | | **Angular Random Walk** | Low noise, typically < 0.01°/$\sqrt{hr}$ | | **Interface** | Digital (RS-422 or RS-232) | | **Power Supply** | Usually +5V or dual ±5V DC | | **Output Data Rate** | 100Hz to 1000Hz (Configurable) | --- ### 2. Electronic Sub-Systems The device consists of an integrated optical-electronic assembly. Below are the primary electronic components: #### A. The Optical Path (Sensors) * **SLD (Superluminescent Diode):** The light source. The electronic driver must maintain constant current and temperature control (via a TEC) to ensure wavelength stability. * **Photodetector:** Converts the returning interference light pattern into an analog electrical signal. #### B. Signal Processing Board * **Preamplifier:** A high-gain, low-noise transimpedance amplifier (TIA) that converts the photodetector current to voltage. * **FPGA/DSP Processor:** The "brain" of the unit. It performs the digital phase-sensitive detection and implements the **Closed-Loop Control**. * **Integrated Optics Module (IOM):** Contains a Phase Modulator that uses the reverse voltage to "null" the Sagnac shift, ensuring high linearity. --- ### 3. Pinout and Connection Logic While specific pinouts can vary by manufacturer revisions, a standard FFS-R33E3 interface usually follows this logic: ```yaml Pin 1: VCC (+5V Input) Pin 2: GND (Power Ground) Pin 3: RS-422 TX+ (Differential Data) Pin 4: RS-422 TX- (Differential Data) Pin 5: Case Ground (Shielding) Pin 6: External Sync (Optional) ``` --- ### 4. Key Electronic Features * **Temperature Compensation:** Internal sensors monitor the fiber coil temperature, and the onboard electronics apply a polynomial correction algorithm to the output. * **High Bandwidth:** The electronics allow for rapid response to angular velocity changes, making it suitable for platform stabilization (gimbals/drones). * **Electromagnetic Shielding:** The internal boards are usually housed in a Mu-metal or aluminum enclosure to prevent EMI from affecting the sensitive analog front-end.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the FFS-R33E3 and an MEMS gyroscope?
    • ⤷ How do I interface the RS-422 output with a standard microcontroller?
    • ⤷ What are the thermal management requirements for this specific model?