전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FFS-R57C5

  • AI
    The **FFS-R57C5** is an industrial-grade **Magnetic Proximity Switch** (often referred to as a non-contact safety switch) manufactured by **Honeywell**. It is primarily used in safety interlock systems to monitor the position of guards, gates, and doors in industrial environments. --- ### 1. Core Technical Specifications The electrical components of the FFS-R57C5 are designed for low-power control signals rather than driving heavy machinery directly. | Feature | Specification | | :--- | :--- | | **Switch Type** | Reed Switch (Non-Contact) | | **Contact Configuration** | 1 NO (Normally Open) + 1 NC (Normally Closed) | | **Max Switching Voltage** | 230 Vac / 24 Vdc | | **Max Switching Current** | 2.0 Amps | | **Housing Material** | ABS Plastic / Red (Safety Identified) | | **Connection Type** | Hardwired Cable (typically 5-10 meters) | | **Sensing Distance** | ~7mm (to break), ~12mm (to make) | --- ### 2. Internal Electronic Operation The device operates on the principle of **magnetic induction**. Unlike standard mechanical switches, there are no physical levers to wear out. * **The Reed Switch:** Inside the "R57C5" unit, there are hermetically sealed glass tubes containing metal reeds. These reeds react to the presence of a specific magnetic field. * **Dual-Channel Logic:** The unit provides two circuits (1NO and 1NC). This redundancy is a critical electronic safety feature; if one circuit fails or welds shut, the safety controller detects the discrepancy between the two channels and initiates an emergency stop. * **Tamper Resistance:** The internal electronics are tuned to a specific magnetic North/South orientation. You cannot easily bypass the switch using a standard hardware store magnet. --- ### 3. Wiring and Integration To ensure the electronic parts function safely, the FFS-R57C5 is typically wired into a **Safety Monitoring Relay** (like the Honeywell FF-SR series) rather than directly to a PLC input. #### Wiring Color Code (Typical) ```yaml Red/Blue: Channel 1 (NC) Green/Yellow: Channel 2 (NO) Black/White: (Often used for aux or shield depending on model variant) ``` --- ### 4. Key Advantages in Industrial Electronics 1. **Ingress Protection (IP67):** The electronic components are fully encapsulated in epoxy resin, making them resistant to water, oil, and dust. 2. **No Arcing:** Because the contacts are sealed in an inert gas inside the reed, there is no risk of sparks, making it safer for explosive or volatile environments. 3. **Vibration Resistance:** The solid-state mounting of the internal reeds ensures the switch doesn't "chatter" during heavy machine operation.
    ✨ Follow-up Questions
    • ⤷ What is the recommended safety relay to use with the FFS-R57C5?
    • ⤷ How does the sensing distance change if there is metal interference?
    • ⤷ What is the difference between the 'NO' and 'NC' states in this specific safety context?