전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FFS-R57E5

  • AI
    The **FFS-R57E5** is a specific electronic component typically categorized as a **Surface Mount Device (SMD) Tactile Switch** or a specialized **Push Button Switch**. These components are widely used in consumer electronics, automotive interfaces, and industrial controls. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. Key Technical Specifications The electrical and mechanical properties of the FFS-R57E5 are designed for low-power signal switching. | Parameter | Typical Specification | | :--- | :--- | | **Switch Type** | Tactile Switch (Momentary) | | **Mounting Type** | Surface Mount (SMD / SMT) | | **Contact Rating** | 50mA, 12V DC (standard for tactile signals) | | **Contact Resistance** | < 100mΩ | | **Insulation Resistance** | > 100MΩ (at 100V DC) | | **Operating Force** | 1.6N to 2.5N (varies by model variant) | | **Travel distance** | 0.25mm ± 0.1mm | --- ### 2. Physical Characteristics The FFS-R57E5 is designed for high-density PCB (Printed Circuit Board) layouts. * **Miniature Footprint:** Its compact size allows it to be placed in tight spaces, such as smartphone side buttons or remote controls. * **Actuator Style:** Usually features a top-actuated plunger that provides distinct "click" tactile feedback to the user. * **Termination:** Gull-wing or J-bend leads for automated Pick-and-Place SMT soldering. --- ### 3. Functional Internal Structure The component consists of four primary internal electronic parts: 1. **Cover/Shield:** Protects the internal mechanism and provides the grounding point if a metal frame is present. 2. **Actuator:** The physical button that the user presses. 3. **Contact Dome:** A snap-action spring (usually stainless steel or phosphorus bronze) that completes the circuit when depressed and provides tactile feedback. 4. **Base/Housing:** A heat-resistant plastic (LCP - Liquid Crystal Polymer) that holds the terminals and survives the reflow soldering process. --- ### 4. Common Applications Due to its reliability and small size, the FFS-R57E5 is found in: * **Consumer Electronics:** Power buttons on cameras, volume rockers on tablets. * **Wearables:** Smartwatches and fitness trackers. * **Automotive:** Steering wheel controls and dashboard interfaces. * **Industrial:** Reset switches on micro-controller boards. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the FFS-R57E5 during reflow soldering?
    • ⤷ Is there a waterproof (IP-rated) version of this switch series?
    • ⤷ What is the mechanical life expectancy (cycles) of this specific part?