전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FFS-R57K3

  • AI
    The **FFS-R57K3** is a high-performance, non-contact safety proximity sensor, typically manufactured by companies like **Honeywell**. It is designed for industrial safety applications, specifically for monitoring the status of machine guards, doors, and fences. --- ### 1. Key Technical Specifications The following table outlines the core electronic and mechanical parameters of the FFS-R57K3: | Parameter | Specification | | :--- | :--- | | **Technology** | Non-contact Magnetic / Reed Switch | | **Contact Configuration** | 2NC (Normally Closed) + 1NO (Normally Open) | | **Switching Voltage** | 24 Vdc (Standard) | | **Max Switching Current** | 300 mA | | **Operating Distance** | ~7mm (Make), ~15mm (Break) | | **Housing Material** | ABS Plastic (IP67 Rated) | | **Connection Type** | Hardwired (3-meter or 10-meter cable) | --- ### 2. Internal Electronic Components The device operates on a **Coded Magnetic Principle**. Unlike standard magnets, these sensors require a specific magnetic array to trigger, which prevents tampering with simple household magnets. * **Reed Elements:** High-reliability reed switches that respond to the magnetic field of the actuator. * **Safety Contacts (NC):** These are the primary safety circuits. When the door is closed, these contacts are closed, allowing the safety relay to remain energized. * **Auxiliary Contact (NO):** Used for status signaling (e.g., sending a signal to a PLC to indicate the door is open). * **Internal Protection:** Includes internal resistors or fuses to prevent welding of the contacts in case of minor over-current. --- ### 3. Wiring Diagram (Typical) To ensure safety integrity, the FFS-R57K3 must be wired to a **Safety Evaluation Relay**. ```yaml Wire Color | Function | Type -----------|------------------|------------ Red | Safety Channel 1 | NC Contact Yellow | Safety Channel 1 | NC Contact Blue | Safety Channel 2 | NC Contact Green | Safety Channel 2 | NC Contact Black | Aux/Signal | NO Contact White | Aux/Signal | NO Contact ``` ### 4. Application Safety * **Tamper Resistance:** Because it is "Coded," the sensor is difficult to bypass, meeting high safety standards (SIL3 or PLe depending on the control system). * **Durability:** Since there are no mechanical parts touching, there is no physical wear, making it ideal for high-cycle applications. * **Environment:** The electronic housing is fully encapsulated (IP67), making it resistant to water, dust, and cleaning chemicals. ---
    ✨ Follow-up Questions
    • ⤷How do you wire the FFS-R57K3 to a safety relay?
    • ⤷ What is the difference between the FFS-R57K3 and the FFS-MC2 series?
    • ⤷ Can this sensor be used in explosive environments (ATEX)?