전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FJPA-16-R

  • AI
    The **FJPA-16-R** is a specific electronic component, primarily recognized as a **Flat Flexible Cable (FFC) / Flexible Printed Circuit (FPC) Connector**. These connectors are designed to provide high-density, low-profile connections between printed circuit boards (PCBs) and flexible cables. --- ## Technical Specifications & Characteristics The following table outlines the typical technical parameters for a connector in this series: | Parameter | Specification | | :--- | :--- | | **Number of Positions** | 16 Pins | | **Pitch (Spacing)** | 0.5 mm or 1.0 mm (varies by sub-series) | | **Mounting Type** | Surface Mount (SMD / SMT) | | **Orientation** | Right Angle / Horizontal | | **Actuator Type** | ZIF (Zero Insertion Force) or LIF (Low Insertion Force) | | **Contact Material** | Phosphor Bronze (usually Gold or Tin plated) | | **Voltage Rating** | 50V AC/DC | | **Current Rating** | 0.5A per contact | --- ## Key Components & Construction The FJPA-16-R consists of several critical sub-parts that ensure electrical integrity: ### 1. The Housing Made from high-temperature thermoplastic (such as LCP - Liquid Crystal Polymer). This material is chosen for its ability to withstand **reflow soldering** temperatures without warping. ### 2. Contacts Metal pins (typically 16) that provide the electrical path. They are usually designed with a "Bottom Contact" or "Top Contact" configuration to meet the FFC traces. ### 3. The Actuator (Flip-Lock/Slider) A movable part used to secure the flexible cable into the connector. - **ZIF Style:** You open the latch, insert the cable, and close the latch to exert pressure. - **Benefits:** Prevents wear and tear on the cable pads during insertion. ### 4. Solder Tabs (Bosses) Located on the sides of the connector, these metal tabs are soldered to the PCB to provide mechanical strain relief, ensuring the connector doesn't rip off the board during cable insertion. --- ## Applications Electronic parts like the FJPA-16-R are commonly found in compact consumer electronics where space is at a premium: * **LCD Displays:** Connecting the screen to the main logic board. * **Laptops:** Connecting keyboards, trackpads, or small peripheral boards. * **Cameras:** Internal connections between the sensor and the processing unit. * **Medical Devices:** Handheld diagnostic tools. --- ## Usage Precautions ```markdown 1. Orientation: Ensure the FFC cable pads face the correct direction (up or down) to match the connector's contact design. 2. Handling: Do not force the actuator; these are fragile and can snap if over-extended. 3. Soldering: Ensure correct solder paste volume to avoid bridging between the fine-pitch pins (0.5mm is very narrow). ```
    ✨ Follow-up Questions
    • ⤷ What is the exact pitch size for the FJPA-16-R variant?
    • ⤷ Does this connector feature top or bottom contacts?
    • ⤷ Are there alternative part numbers compatible with this footprint?