FLCS-12B-R/
AI

The **FLCS-12B-R** is a high-performance electronic component primarily used in industrial automation and sensing applications. It belongs to a category of compact, ruggedized sensors designed for precision feedback.
### 1. Key Technical Specifications
Below is a breakdown of the typical characteristics found in the FLCS-12B-R series:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Inductive Proximity / Limit Sensor |
| **Model Code** | FLCS-12B-R |
| **Voltage Range** | Typically 10-30V DC |
| **Sensing Distance** | 2mm to 4mm (Standard) |
| **Output Type** | NPN or PNP (depending on wiring configuration) |
| **Connection** | Cable-out or Connectorized (R indicates Robot/Flexible cable) |
| **Protection Rating** | IP67 (Water and Dust resistant) |
---
### 2. Functional Electronic Components
The internal architecture of the FLCS-12B-R consists of several critical stages:
1. **Oscillator Circuit:** Generates a high-frequency electromagnetic field that radiates from the sensing face.
2. **Detection Circuit (Schmitt Trigger):** Monitors changes in the amplitude of the oscillation. When a metallic object enters the field, eddy currents are induced, dampening the oscillation.
3. **Output Amplifier:** Converts the low-level signal from the detection circuit into a robust switching signal (On/Off) capable of driving a PLC input or a relay.
4. **Reverse Polarity Protection:** Integrated diodes prevent the sensor from being destroyed if the positive and negative power leads are accidentally swapped.
---
### 3. Usage and Application
The **"R"** suffix in this model often denotes a **"Robot Cable"** or high-flexibility lead. This makes the electronic assembly suitable for:
* **Articulated Robotic Arms:** Where constant twisting and bending would break standard copper wiring.
* **High-Speed Packaging:** Rapid actuation cycles requiring fast response times (typically in the kHz range).
* **Position Sensing:** Detecting the home position of a metal slide or a rotating cam.
---
### 4. Wiring Diagram Representation
The sensor typically follows standard industrial color coding:
```yaml
Brown: +V (Positive Power Supply)
Blue: 0V (Common/Negative)
Black: Output Signal (Load)
```
- ⤷
What is the maximum switching frequency for the FLCS-12B-R?
- ⤷ How does the 'R' suffix specifically affect the cable's bend radius?
- ⤷ Is this sensor compatible with both NPN and PNP logic controllers?