FLCS-153-R/K
AI

The **FLCS-153-R/K** is a specialized high-density electrical connector component, typically part of a series used in telecommunications, data centers, and industrial networking. While "FLCS" often refers to **Fiber LC Simplex** or specific board-to-board connector standards depending on the manufacturer (such as Hirose or various fiber optic suppliers), this specific part number is most commonly associated with **Fiber Optic LC Adapter** configurations or high-speed interface modules.
---
### 1. Technical Specifications
Below are the general electronic and physical characteristics associated with this part series:
| Feature | Description |
| :--- | :--- |
| **Connector Type** | LC (Lucent Connector) |
| **Housing Style** | Simplex (Single) or Duplex (Dual) depending on suffix |
| **Mounting Type** | Panel Mount / Flangeless or Snap-in |
| **Sleeve Material** | Ceramic (Zirconia) or Phosphor Bronze |
| **Operating Temp** | -40°C to +85°C |
| **Insertion Loss** | < 0.2dB (Typical for Ceramic) |
---
### 2. Key Electronic & Mechanical Components
#### A. Alignment Sleeve
The "heart" of the adapter.
* **Ceramic (Zirconia):** Used for Single-mode applications. It provides high precision and durability for thousands of mating cycles.
* **Phosphor Bronze:** Often used for Multi-mode applications where tolerances are slightly wider.
#### B. Housing (The "R/K" Suffix)
The suffix in these part numbers usually denotes the color coding and mounting style:
* **R/K Coding:** Often indicates specific mounting clips or a specific color (e.g., Aqua for OM3/OM4, Blue for Single-mode, or Green for APC).
* **Material:** High-strength Engineering Plastic (UL94V-0 rated for flame retardancy).
#### C. Shutter Mechanism (Optional)
Some models in the 153 series include an internal or external shutter. This is a critical safety feature that blocks laser light when the cable is unplugged to prevent eye injury.
---
### 3. Common Applications
These parts are integrated into larger electronic systems such as:
1. **SFP/QSFP Transceiver Interfaces:** Connecting the internal laser diode to the external fiber plant.
2. **Patch Panels:** High-density distribution frames in server rooms.
3. **Industrial Switches:** Ruggedized networking equipment requiring secure LC connections.
---
### 4. Installation Diagram (Conceptual)
```text
[ Fiber Ferrule ] --> [ Ceramic Sleeve ] <-- [ Fiber Ferrule ]
(Male) (Inside FLCS-153) (Male)
```
- ⤷
Does the FLCS-153-R/K support single-mode or multi-mode fiber?
- ⤷ What is the specific difference between the 'R' and 'K' variants in this series?
- ⤷ Are there specific mounting dimensions required for the panel cutout?