전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FLCS-15A-R/Q

  • AI
    The **FLCS-15A-R/Q** series refers to a specific line of **current-limiting fuses** (typically under the Hinode or Fuji Electric architecture), often used in semiconductor protection. These parts are designed to protect sensitive power electronics from overcurrent events. --- ### 1. Technical Specifications The "15A" in the part number indicates the rated current, while the suffixes (R/Q) often denote physical mounting styles or speed characteristics. | Parameter | Specification (Typical) | | :--- | :--- | | **Rated Current ($I_n$)** | 15 Amperes | | **Rated Voltage** | 150V - 250V AC/DC (Series dependent) | | **Interrupting Rating** | High-capacity (often up to 10kA - 100kA) | | **Element Material** | Silver or Silver-plated Copper | | **Body Material** | Ceramic or High-strength synthetic resin | --- ### 2. Key Electronic Features #### A. High-Speed Response (Fast-Acting) These fuses are "Super Rapid" or "Ultra-Fast." Unlike standard household fuses, they are engineered to blow within milliseconds to protect power semiconductors (like MOSFETs, IGBTs, and Thyristors) which have very low thermal capacity. #### B. Current Limiting Ability The "FLCS" series is designed to limit the peak let-through current. By melting rapidly during a short circuit, the fuse prevents the full energy of the fault from reaching the downstream components. #### C. Low $I^2t$ Value The $I^2t$ (Ampere-squared seconds) value is extremely low. This is the measure of thermal energy let-through. A lower $I^2t$ ensures that the fuse clears the circuit before the semiconductor junction reaches its melting point. --- ### 3. Suffix Definitions (R/Q) In this product family, the suffix usually indicates the physical terminal configuration: * **R (Radial/Blade):** Often refers to a screw-on or blade-type mounting for direct busbar attachment. * **Q (Quick-Connect):** Refers to fast-on or solderable terminals for PCB or panel mounting. --- ### 4. Common Applications * **Inverters/Converters:** Protecting the DC bus or output stages. * **UPS Systems:** Uninterruptible Power Supplies where fast isolation is critical. * **DC Drives:** Protecting motor controllers from internal shorts. * **Power Supplies:** Industrial grade SMPS protection.
    ✨ Follow-up Questions
    • ⤷ What is the exact voltage rating for the FLCS-15A-R variant?
    • ⤷ Can this fuse be used for both AC and DC circuits?
    • ⤷ What are the physical dimensions of the Q-type terminal?