전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FLCS-32-R/Q

  • AI
    The **FLCS-32-R/Q** refers to a high-density, fiber optic connection component, specifically a **LC Duplex Adapter** or connector housing typically used in fiber patching solutions. While it is a passive component, it is critical for the physical layer of high-speed electronic data transmission. --- ### 1. Component Overview The FLCS-32 series is designed for space-saving environments such as data centers and telecommunications racks. The "R/Q" designation usually refers to the color-coding or the mounting style (Reduced Flange or Quick-mount). | Feature | Specification | | :--- | :--- | | **Connector Type** | LC (Lucent Connector) | | **Orientation** | Duplex (Two fibers per port) | | **Housing Material** | Thermoplastic (UL 94V-0 rated) | | **Sleeve Material** | Ceramic (Zirconia) or Phosphor Bronze | | **Density** | High-density / Small Form Factor (SFF) | --- ### 2. Key Electronic & Physical Attributes #### A. Alignment Sleeves The internal "sleeve" is the most critical electronic part. It ensures that the fiber cores (usually 9/125µm for single-mode) align perfectly. * **Ceramic (Zirconia):** Provides lower insertion loss and is preferred for Single-mode (SM) applications. * **Phosphor Bronze:** Generally used for Multimode (MM) applications where tolerances are slightly wider. #### B. Insertion Loss (IL) and Return Loss (RL) In the context of electronic signaling over fiber, this component is rated for: * **Insertion Loss:** Typically $< 0.2\text{dB}$. * **Durability:** Rated for 500+ matings without significant signal degradation. #### C. Color Coding (The "R/Q" Factor) The suffixes often denote the application type based on TIA/EIA-568 standards: * **Blue:** Single-mode (OS1/OS2) * **Green:** Single-mode APC (Angled Physical Contact) * **Aqua:** Multimode (OM3/OM4) * **Violet:** Multimode (OM5) --- ### 3. Application Circuitry While the adapter itself has no active silicon, it serves as the interface for: 1. **SFP/SFP+ Transceivers:** The FLCS-32 connects the external fiber plant to the electronic transceivers on switches and routers. 2. **Fiber Patch Panels:** Used to bridge the gap between "Outside Plant" (OSP) cables and "Inside Plant" (ISP) electronics. --- ### 4. Mechanical Dimensions Standard LC Duplex adapters like the FLCS-32-R/Q follow these mounting specifications: ```text Standard LC Duplex Footprint: +---------------------------+ | [ ( ) ] [ ( ) ] | <-- Ceramic Sleeves | L C | +---------------------------+ (Approx. 13.1mm) ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between the Ceramic and Phosphor Bronze sleeves in this model?
    • ⤷ How does the 'Reduced Flange' (R) design impact panel density?
    • ⤷ Is this adapter compatible with both Single-mode and Multimode fiber?