전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FLCS-3A-R

  • AI
    The **FLCS-3A-R** is a specific electronic component typically identified as a **Fiber Optic Receiver** or a **Transceiver Module**, often used in industrial automation, communication links, and data transmission systems. Below is a detailed breakdown of its technical aspects and electronic characteristics. --- ### 1. General Specifications The FLCS-3A-R belongs to the family of fiber optic components designed to convert optical signals into electrical signals (TTL or CMOS compatible). | Feature | Description | | :--- | :--- | | **Component Type** | Fiber Optic Receiver (R = Receiver) | | **Connector Type** | ST or SMA (standard for FLCS series) | | **Data Rate** | Typically up to 5-10 MBd (MegaBaud) | | **Voltage Supply** | Usually +5V DC | | **Housing** | Metal or high-durability plastic for EMI shielding | --- ### 2. Internal Electronic Architecture The internal circuitry of an FLCS-3A-R generally consists of three primary stages: 1. **Photodetector (PIN Diode):** Converts incoming photons (light) from the fiber cable into a very small photocurrent. 2. **Transimpedance Amplifier (TIA):** Converts the weak photocurrent into a measurable voltage. 3. **Quantizer/Schmitt Trigger:** Squares the wave to ensure a clean digital "high" or "low" output, removing noise from the signal. --- ### 3. Pinout and Interface While exact pinouts can vary by manufacturer, the standard electronic interface for this module usually follows this logic: | Pin Number | Function | Description | | :--- | :--- | :--- | | **Pin 1** | **Vcc** | Positive power supply (+5V) | | **Pin 2** | **Vee / GND** | Ground connection | | **Pin 3** | **Data Out** | Digital signal output (TTL level) | | **Case** | **Shield** | Connected to chassis ground to reduce EMI | --- ### 4. Key Electronic Characteristics * **Operating Wavelength:** Usually optimized for **650nm (Red Light)** or **850nm (Infrared)**, depending on the fiber type used (Plastic Optical Fiber vs. Glass). * **Sensitivity:** High sensitivity allows for signal detection over long cable runs (up to 50-100 meters for POF). * **Electromagnetic Interference (EMI) Immunity:** Because the transmission medium is light, the part is inherently immune to electrical noise, making it ideal for industrial motor control environments. --- ### 5. Applications * **Industrial Links:** Connecting PLCs to remote I/O. * **Medical Equipment:** Providing electrical isolation between the patient and high-voltage electronics. * **Power Electronics:** Triggering signals for high-voltage IGBTs or Thyristors.
    ✨ Follow-up Questions
    • What is the maximum data rate supported by the FLCS-3A-R?
    • Is the FLCS-3A-R compatible with Plastic Optical Fiber (POF) or Glass Fiber?
    • What are the specific power consumption requirements for this receiver?