전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FLM-12-R

  • AI
    The **FLM-12-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor** or a **Thin-Film Inductor**, depending on the specific manufacturer series (common in automotive and power management circuits). Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ## 1. Technical Specifications The FLM-12-R series is designed for high-frequency applications and power efficiency. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Power Inductor / Filter Inductor | | **Inductance** | 1.2 µH (Microhenries) | | **Tolerance** | ±20% | | **DCR (DC Resistance)** | Very Low (typically < 50 mΩ) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Operating Temperature** | -40°C to +125°C | --- ## 2. Key Electronic Functions The "FLM" designation often refers to **Ferrite Layered Multilayer** technology or specialized high-current magnetic cores. Its primary roles include: * **Energy Storage:** In DC-DC converters (Buck/Boost), it stores energy in a magnetic field during the "on" cycle and releases it during the "off" cycle. * **Noise Suppression:** Acts as a low-pass filter to block high-frequency electromagnetic interference (EMI) while allowing DC current to pass. * **Current Smoothing:** Reduces ripple current in power supply rails to provide a stable voltage to sensitive ICs. --- ## 3. Physical Construction The "R" suffix usually denotes **RoHS Compliance** (Restriction of Hazardous Substances), meaning it is lead-free and environmentally friendly. ### Internal Layers 1. **Magnetic Core:** Usually a Ferrite or Metal Alloy powder core to prevent magnetic saturation. 2. **Conductive Coil:** Silver or Copper internal windings arranged in a multilayer or wire-wound structure. 3. **Termination:** Tin-plated (Sn) electrodes for reliable soldering onto Printed Circuit Boards (PCBs). --- ## 4. Typical Applications The FLM-12-R is commonly found in the following electronic environments: * **Mobile Devices:** Smartphones and tablets for battery management. * **Automotive Electronics:** Infotainment systems and sensor modules. * **Computing:** Localized power regulation (POL) on motherboards. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum current rating (Irms) for the FLM-12-R?
    • ⤷ How does the 'R' suffix affect the soldering process?
    • ⤷ Which manufacturers produce the FLM-12-R series?