전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FLM-4A-R

  • AI
    The **FLM-4A-R** is an Electronic Component commonly used in industrial automation, specifically within the **FLM (Fieldbus Interface Module)** series by Bosch Rexroth. It is a digital output module designed for use within an Inline I/O station. --- ### ## 1. Technical Specifications The following table summarizes the key electronic characteristics of the FLM-4A-R: | Feature | Specification | | :--- | :--- | | **Output Type** | Relay Contacts (Volt-free) | | **Number of Channels** | 4 Independent Channels | | **Nominal Voltage** | 24 V DC (Logic) | | **Switching Voltage** | Max 230 V AC / 24 V DC | | **Switching Current** | Max 3 A per channel | | **Connection Method** | 2, 3, or 4-wire technology | | **Protection Rating** | IP20 | --- ### ## 2. Core Electronic Components & Functions The module operates through a combination of logic-level circuitry and physical switching components: * **Relay Outputs:** Unlike solid-state outputs, the "R" in the model name signifies **Relay**. This provides galvanic isolation between the control logic and the load circuit, allowing for the switching of different voltage potentials (e.g., switching a 230V motor from a 24V PLC signal). * **Bus Coupler Interface:** The electronic backplane connects to the local bus, receiving data packets and converting them into trigger signals for the internal coils. * **LED Status Indicators:** * **Diagnostic LEDs:** Indicate power supply status and bus communication errors. * **Status LEDs:** Individual indicators for each of the 4 channels to show whether the relay is energized. * **Protection Circuitry:** Includes internal fuses or electronic monitoring to protect the logic side from surges originating on the load side. --- ### ## 3. Wiring Configuration The module typically uses a terminal block connector. Below is a simplified representation of the wiring logic: ```markdown Terminal | Function ---------|------------------------- 1.1 / 2.1| Relay Channel 1 (Common / NO) 1.2 / 2.2| Relay Channel 2 (Common / NO) 1.3 / 2.3| Relay Channel 3 (Common / NO) 1.4 / 2.4| Relay Channel 4 (Common / NO) ``` ### ## 4. Applications Because it uses mechanical relays, the FLM-4A-R is electronically suited for: 1. **High Current Loads:** Up to 3A, which is higher than standard transistor outputs. 2. **AC/DC Mixing:** Switching AC loads using a DC control system. 3. **Isolation:** Situations where the output circuit must be completely electrically separated from the controller.
    ✨ Follow-up Questions
    • ⤷What is the maximum switching frequency for the FLM-4A-R relays?
    • ⤷ How does the FLM-4A-R handle inductive loads compared to resistive loads?
    • ⤷ Can the FLM-4A-R be integrated into a PROFINET or EtherCAT network?