전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FLM-5W5-R

  • AI
    ### FLM-5W5-R Electronic Component Overview The **FLM-5W5-R** is a specific RF/Microwave power transistor, typically used in high-frequency amplification. It belongs to a family of GaAs (Gallium Arsenide) Field Effect Transistors (FETs) designed for internal matching. --- ### 1. Key Technical Specifications Below are the primary electronic parameters for the FLM-5W5-R: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Frequency Range** | 5.3 GHz – 5.9 GHz | Optimized for C-Band applications. | | **Output Power ($P_{1dB}$)** | 37.0 dBm (Typ.) | Approximately 5 Watts of power. | | **Power Gain ($G_{1dB}$)** | 9.0 dB (Typ.) | Signal amplification capability. | | **Drain-Source Voltage ($V_{DS}$)** | 10 V | Standard operating voltage. | | **Efficiency ($\eta_{add}$)** | 35% | Power added efficiency. | | **Input/Output Impedance** | 50 $\Omega$ | Internally matched for easy integration. | --- ### 2. Core Electronic Features * **Internal Matching:** The device includes internal circuitry to match the input and output to 50 ohms. This simplifies the PCB design because the engineer does not need to design complex external matching networks. * **Hermetic Package:** It is usually housed in a metal-ceramic package (Hermetic), which protects the delicate GaAs structure from moisture and environmental contaminants. * **High Linearity:** Designed for applications where signal distortion must be minimized, such as high-bit-rate digital communications. * **High Reliability:** Built using Gold (Au) metallization to ensure long-term stability and prevent electromigration. --- ### 3. Application Areas The FLM-5W5-R is commonly found in the following electronic systems: 1. **Satellite Communications:** Earth stations and VSAT terminals. 2. **Terrestrial Radio Links:** Point-to-point microwave backhaul. 3. **Radar Systems:** Pulse amplification in C-Band radar. 4. **Wireless Infrastructure:** Power amplifiers for specialized network nodes. --- ### 4. Basic Circuit Implementation When integrating this part into a circuit, the following biasing sequence is critical to prevent damaging the GaAs FET: ```markdown 1. Always apply negative Gate Voltage (Vgs) first (e.g., -5V). 2. Apply Drain Voltage (Vds) (e.g., +10V). 3. Adjust Vgs to achieve the desired Quiescent Drain Current (Idsq). 4. Turn off procedure: Remove Vds first, then Vgs. ```
    ✨ Follow-up Questions
    • ⤷ What are the specific thermal management requirements for the FLM-5W5-R?
    • ⤷ Can you provide the specific Pinout diagram for this package type?
    • ⤷ What are the recommended gate-source bias voltage ranges for this transistor?