FLM-BB-R
AI

The **FLM-BB-R** is an electronics component primarily used in fire alarm and security systems. Specifically, it is the **Surface Mount Back Box (Red)** manufactured by **Johnson Controls (Simplex)**.
While it is a passive housing component, its electronic integration is critical for the functioning of pull stations and notification appliances.
---
## 1. Technical Specifications
The FLM-BB-R is designed to house the internal electronic wiring and circuitry of addressable or conventional fire alarm manual stations.
| Feature | Specification |
| :--- | :--- |
| **Part Number** | FLM-BB-R |
| **Material** | Heavy-duty sheet metal or high-impact plastic (variant dependent) |
| **Color** | Red (Standard Fire Safety Identification) |
| **Mounting Type** | Surface Mount |
| **Application** | Manual Pull Stations / Electronic Control Modules |
---
## 2. Electronic Roles & Integration
Although the box itself is metal/plastic, it serves several vital electronic functions:
### A. EMI/RFI Shielding
When housing addressable monitor modules or pull stations (like the Simplex 4099 series), the metal back box acts as a basic shield against **Electromagnetic Interference (EMI)**. This prevents false alarms caused by nearby electrical noise.
### B. Grounding and Continuity
The FLM-BB-R includes a dedicated grounding screw. In fire alarm electronics, maintaining a solid earth ground is essential for:
* Protecting internal integrated circuits (ICs) from static discharge.
* Ensuring the **Shielded Twisted Pair (STP)** drain wire has a termination point to prevent data corruption on the signaling line circuit (SLC).
### C. Cable Management and Wire Protection
The internal volume is calculated to maintain the **minimum bend radius** for electronic signaling wires. This prevents:
* **Impedance changes:** Caused by crushed or tightly kinked wires.
* **Short circuits:** Providing enough clearance so that the electronic module doesn't press against the field wiring.
---
## 3. Compatible Electronic Devices
The FLM-BB-R is typically used to house the following electronic assemblies:
1. **Addressable Pull Stations:** Electronic units that communicate via a digital protocol (like IDNet or MAPNET II).
2. **Monitor Modules:** Small PCBs used to interface conventional dry contact devices with a digital fire alarm control panel.
3. **Signal Adapters:** Electronics that convert digital signals into physical relay outputs.
---
## 4. Installation Geometry
* **Knockouts:** The box features multiple 1/2" (12.7 mm) knockouts for conduit entry, allowing for the organized routing of power-limited electronic cabling.
* **Internal Depth:** Specifically sized to ensure the electronic components of the pull station do not overheat and have adequate airflow.
- ⤷
What are the specific Simplex pull station models compatible with the FLM-BB-R?
- ⤷ Does the FLM-BB-R require a specific gasket for outdoor electronic protection?
- ⤷ How does the grounding screw in the FLM-BB-R affect the SLC loop signaling?