전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FLM-C5-R

  • AI
    Based on the technical specifications for fire alarm systems, the **FLM-C5-R** (specifically within the Bosch Security Systems ecosystem) refers to a **Conventional Zone Module** with an integrated relay. Below is the detailed breakdown of its electronic components and functions. --- ## 1. Technical Overview The FLM-C5-R is designed to interface conventional detectors (2-wire or 4-wire) into an addressable LSN (Local Security Network) loop. It allows older technology or specialized sensors to communicate with a modern digital fire panel. ### Core Specifications | Parameter | Specification | | :--- | :--- | | **Input Voltage** | 15 V DC to 33 V DC (LSN loop) | | **Current Consumption** | < 8.5 mA | | **Line Resistance** | Max 50 $\Omega$ per zone | | **Relay Contact Rating** | 2 A @ 30 V DC | | **Environment Class** | IP 30 (NEMA 1 equivalent) | --- ## 2. Main Electronic Sub-Systems ### A. LSN Interface (Addressable Logic) The "brain" of the module is the **LSN Controller IC**. * **Function:** It manages bidirectional communication with the fire panel. * **Addressing:** It typically features rotary switches or is programmed electronically to assign a unique ID on the loop. * **Isolation:** Includes integrated **Short-Circuit Isolators** to ensure that a fault in one segment of the loop does not disable the entire system. ### B. Conventional Zone Input This section acts as a bridge for non-addressable devices. * **Monitoring:** It monitors the "End of Line" (EOL) resistor (usually 3.9 k$\Omega$). * **State Detection:** It distinguishes between four electrical states: 1. **Standby:** Normal resistance detected. 2. **Alarm:** Low resistance (short) detected across the line. 3. **Fault:** Open circuit detected. 4. **Short Circuit:** Zero resistance detected. ### C. The Relay Output ("R" Designation) The "R" in FLM-C5-R stands for **Relay**. * **Hardware:** A physical electromechanical or solid-state relay. * **Configuration:** Usually provides a Form C contact (Common, Normally Open, Normally Closed). * **Use Case:** Triggers external hardware like fire doors, ventilation fans, or elevator recalls when the zone enters an alarm state. --- ## 3. Physical Connections & Wiring The terminal block layout is critical for proper electronic installation: ```text [ Terminals ] [ Description ] LSN a1/b1 In <-- From Fire Panel Loop LSN a2/b2 Out --> To next Device ZONE + / - <-- Conventional Detectors RELAY C/NO/NC --> External Control Circuit ``` --- ## 4. Operational Features * **Status Indicators:** Usually equipped with a red LED that flashes during communication and stays solid during an alarm event. * **Reset Capability:** The module can interrupt power to the conventional zone to reset smoke detectors after an alarm is cleared at the panel. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum number of conventional detectors that can be connected to one FLM-C5-R?
    • ⤷ How do you configure the rotary switches for manual addressing on this module?
    • ⤷ Can the relay be programmed to trigger independently of the zone input?