전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FLM-C5W-R

  • AI
    The **FLM-C5W-R** is a specific electronic component typically categorized as a **Surface Mount (SMD) Power Inductor** or a specialized **Line Filter/Molding Coil**, often used in automotive and industrial power management circuits. Below is a detailed breakdown of its technical characteristics and internal parts. --- ### 1. Technical Specifications This component is designed for high-efficiency power conversion and electromagnetic interference (EMI) suppression. | Feature | Description | | :--- | :--- | | **Component Type** | Fixed Inductor / Power Choke | | **Construction** | Metal Composite (Molding) | | **Mounting Type** | Surface Mount Device (SMD/SMT) | | **Core Material** | Carbonyl Iron Powder or Alloy Powder | | **Shielding** | Magnetically Shielded (Low Leakage) | | **Operating Temp** | -40°C to +125°C (Typical) | --- ### 2. Internal Electronic Parts & Composition The "parts" of this component are integrated into a single molded body to ensure stability and performance under stress. 1. **Magnetic Core:** * Made from a high-density metallic powder (Iron or Alloy). * The powder is compressed around the coil, which minimizes acoustic noise (buzzing) and provides a "soft" saturation characteristic. 2. **Copper Coil (Winding):** * Features a high-grade enameled copper wire. * The "W" in the part number often signifies a specific winding style or high-current handling capability. 3. **Lead Frame / Terminals:** * The underside features tin-plated (Sn) copper terminals. * Designed for robust soldering to PCBs to withstand high vibrations. 4. **Molding Resin:** * An epoxy-based resin that protects the internal coil from moisture, oxidation, and physical shock. --- ### 3. Functional Applications The FLM-C5W-R is commonly found in the following electronic environments: * **DC-DC Converters:** Acts as an energy storage element to smooth out voltage ripples. * **Automotive Electronics:** Used in Advanced Driver Assistance Systems (ADAS) or infotainment power rails due to its high-temperature tolerance. * **Noise Filtering:** Used in "Line Filters" to prevent high-frequency noise from entering or leaving a circuit (EMI suppression). --- ### 4. Key Advantages * **Low DCR (DC Resistance):** Minimizes power loss and heat generation. * **High Saturation Current:** Maintains inductance even when high levels of current flow through it. * **Compact Footprint:** The "C5" designation usually refers to a specific case size (e.g., approx 5mm x 5mm), allowing for high-density PCB layouts.
    ✨ Follow-up Questions
    • ⤷ What are the exact dimensions of the C5 package for this inductor?
    • ⤷ What is the typical inductance value (uH) for the FLM-C5W-R model?
    • ⤷ How does a molded inductor compare to a traditional wire-wound shielded inductor?