전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FLM-D0-R

  • AI
    The **FLM-D0-R** is an electronic component commonly used in industrial automation and logic systems. It is primarily identified as a **Digital Output Module** (often part of a Fieldbus or I/O system, such as those manufactured by companies like Phoenix Contact). Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The FLM-D0-R is designed to interface high-level control systems (like a PLC) with field-level actuators. | Feature | Description | | :--- | :--- | | **Type** | Digital Output Module | | **Output Type** | Relay (Dry Contacts) | | **Connectivity** | Local Bus / Fieldline | | **Protection Rating** | Typically IP65/IP67 (Dust and Water resistant) | | **Number of Channels** | Usually 4 or 8 (depending on specific model variant) | ### 2. Internal Electronic Parts The module consists of several critical internal sections that ensure signal integrity and electrical isolation: * **Microcontroller/Logic Unit:** Processes incoming bus signals and determines which output should be triggered. * **Electromechanical Relays:** Unlike transistor outputs, the "R" in the model name indicates **Relay** outputs. This allows for switching both AC and DC loads and provides physical galvanic isolation. * **Optical Isolation:** Provides a secondary layer of protection between the internal logic circuit and the high-power output side. * **LED Indicators:** Surface-mounted diodes (SMDs) used for status monitoring (Power, Bus activity, and individual channel status). * **Voltage Regulators:** Converts the incoming 24V DC bus power to the 3.3V or 5V required for the internal logic. ### 3. Electrical Characteristics These parameters are vital for ensuring the part is not overloaded during operation. | Parameter | Typical Value | | :--- | :--- | | **Nominal Supply Voltage** | 24 V DC | | **Switching Voltage (Max)** | 250 V AC / 125 V DC | | **Limiting Continuous Current** | 1 A to 2 A (per contact) | | **Connection Method** | M12 Circular Connectors | | **Operating Temperature** | -25 °C to +60 °C | ### 4. Application Use Cases * **Switching AC Loads:** Since it uses relays, it can control AC motors or lights directly (within current limits). * **Isolation:** Used in environments where the controller must be electrically separated from the field equipment to prevent damage from surges. * **Decentralized I/O:** Mounted directly on machines outside of a control cabinet due to its high IP rating. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the FLM-DO-R and the transistor-based FLM-DO-T version?
    • ⤷ How do you wire an M12 connector to the FLM-DO-R?
    • ⤷ What are the specific diagnostic codes indicated by the module LEDs?