전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FLM-E6-R

  • AI
    The **FLM-E6-R** is a specialized electronic module commonly used in industrial automation and precision control systems. It typically functions as an **End-of-Line (EOL) Resistor Module** or a specific interface module for fire alarm systems and sensor networks. --- ## 1. Core Technical Specifications Below is a breakdown of the primary electronic attributes for the FLM-E6-R: | Feature | Specification Details | | :--- | :--- | | **Component Type** | End-of-Line (EOL) Resistor / Interface Module | | **Operating Voltage** | Typically 15V DC to 33V DC (System dependent) | | **Quiescent Current** | < 0.1 mA (Low power consumption) | | **Configuration** | Integrated resistor network with protective housing | | **Connectivity** | 2-wire or 4-wire bus compatibility | --- ## 2. Key Electronic Components The "R" in the model name usually signifies the inclusion of a **Resistor** element, which is critical for circuit supervision. ### A. Resistive Element The heart of the module is a high-precision resistor. Its primary functions are: * **Circuit Supervision:** Allows the control panel to monitor the integrity of the wiring. * **Open/Short Circuit Detection:** Changes in resistance levels signal the controller if a wire is cut (Infinite resistance) or shorted (Zero resistance). ### B. Protection Circuitry To ensure reliability in industrial environments, the module includes: * **Transient Voltage Suppressors (TVS):** Protects the internal components from voltage spikes or lightning-induced surges. * **Reverse Polarity Protection:** Prevents damage if the DC power lines are connected incorrectly during installation. ### C. Housing & Terminals * **Terminal Blocks:** Screw-type terminals designed for 12-22 AWG wiring. * **Encapsulation:** The internal PCB is often coated or potted to resist humidity and corrosion. --- ## 3. Functionality in a System The electronic parts work together to serve as a **Line Monitor**: 1. **Standby Mode:** The resistor draws a tiny, constant current that the main controller recognizes as "Normal." 2. **Alarm/Trigger Mode:** If a sensor connected to the line activates, the electronic state changes, alerting the system. 3. **Trouble Mode:** If the electronic path is broken, the control panel detects the loss of the EOL resistor value and triggers a "Trouble" signal. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific resistance value (Ohms) for the FLM-E6-R?
    • ⤷ Is this module compatible with Bosch or Honeywell fire alarm systems?
    • ⤷ What are the wiring diagrams for installing this EOL module?