FLM-EB-R/Q
AI

The **FLM-EB-R** and **FLM-EB-Q** are electronic end-of-line (EOL) modules used within fire alarm systems, specifically designed for use with the **Bosch LSN (Local Security Network)**. These modules ensure the integrity of a notification appliance circuit (NAC) or a monitored zone.
### Overview of Functionality
These modules act as active termination points. Unlike simple resistors, they provide sophisticated monitoring and feedback to the fire alarm control panel.
| Feature | FLM-EB-R (Resistor) | FLM-EB-Q (Quartz/Active) |
| :--- | :--- | :--- |
| **Primary Use** | End-of-line monitoring for conventional zones. | End-of-line monitoring for high-security or specific digital signaling. |
| **Circuit Type** | 2-wire / 4-wire conventional lines. | LSN (Local Security Network) loops. |
| **Detection** | Wire breaks and short circuits. | Precise impedance monitoring and digital addressing. |
---
### Key Electronic Components and Specifications
The internal circuitry of these modules is miniaturized to fit within small housings or flush-mount boxes.
#### 1. Monitoring Circuitry
The modules contain precision resistors or integrated circuits (ICs) that create a specific electrical signature.
* **Quiescent State:** The module draws a tiny, constant current.
* **Alarm State:** When a detector triggers, the impedance changes, signaling the panel.
* **Fault State:** If the wire is cut (Open Circuit) or crossed (Short Circuit), the module’s signature disappears, triggering a trouble signal.
#### 2. Technical Specifications
Typical electrical characteristics for the FLM-EB series include:
| Parameter | Value (Typical) |
| :--- | :--- |
| **Operating Voltage** | 15 V DC to 33 V DC (via LSN) |
| **Current Consumption** | < 1 mA |
| **Housing Material** | ABS Plastic (Flame retardant) |
| **Protection Class** | IP 30 |
---
### Installation and Wiring
The electronic parts are designed for easy integration into the terminal base of a detector or a separate junction box.
* **Terminal Blocks:** Screw terminals for secure connection to the signaling line.
* **Polarity:** Most electronic EOL modules are polarity-sensitive. Reversing the wires will result in a "Trouble" or "Fault" condition at the panel.
* **Addressing:** While some EOLs are passive, the Bosch "Q" versions often interact with the LSN bus to provide a specific digital heartbeat.
---
### Comparison with Standard Resistors
Standard fire systems use a simple carbon-film resistor at the end of the line. The **FLM-EB-R/Q** series is superior because:
1. **Tamper Resistance:** It is harder to bypass the monitoring circuit with a simple jumper wire.
2. **LSN Integration:** It communicates directly with the Bosch digital protocol, allowing the panel to identify exactly which branch of a circuit has failed.
- ⤷What is the specific difference in wiring diagrams between the R and Q versions?
- ⤷ Can these modules be used with non-Bosch fire alarm panels?
- ⤷ How do you troubleshoot a 'Line Fault' error involving an FLM-EB-R?