전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FLM-F6-R/Q

  • AI
    The **FLM-F6-R/Q** is a high-performance **Fiber Laser Marking Machine**, typically featuring a 20W to 50W laser source. These systems are used for high-precision permanent marking on metals and some plastics. Below is an overview of the core electronic components that make up this system. --- ### 1. Main Electronic Components The machine's performance depends on the synchronization of the laser source, the optical steering (galvo), and the control board. | Component | Function | Description | | :--- | :--- | :--- | | **Fiber Laser Source** | Laser Generation | Usually a Raycus, Max, or IPG source. It converts electrical energy into a high-intensity fiber optic beam. | | **Galvanometer (Galvo)** | Beam Steering | High-speed motor-driven mirrors that direct the laser beam onto the X and Y axes. | | **Control Board** | System "Brain" | Usually an **EzCad (JCZ)** board. It processes the software instructions and controls the laser pulse and galvo timing. | | **Power Supply Units (PSU)** | Power Conversion | Converts AC wall power to DC voltages (typically 24V for the board/galvo and 48V for the laser source). | | **F-Theta Lens** | Beam Focusing | An optical lens that focuses the laser at a consistent spot size across the entire marking field. | --- ### 2. Detailed Electronic Specifications The "R/Q" designation often refers to specific configurations regarding the laser pulse frequency (Q-switched) or the rotary axis (R) compatibility. #### A. The Laser Source (The Core) * **Wavelength:** ~1064nm (Infrared). * **Pulse Frequency:** 20 kHz to 80 kHz (standard Q-switched). * **Cooling:** Electronic fan cooling (Air Cooled). #### B. Control & Connectivity * **Interface:** USB connection to a PC running marking software (EzCad2 or EzCad3). * **I/O Ports:** Includes DB15 or DB25 connectors for the Galvo head and additional ports for foot pedals or rotary attachments. * **Red Light Pointer:** An auxiliary diode laser (650nm) used for visual positioning before marking. #### C. Safety & Protection * **Emergency Stop:** A physical kill-switch that cuts power to the laser driver immediately. * **Key Switch:** Electronic lockout to prevent unauthorized use. --- ### 3. Wiring and Signal Flow ```mermaid graph LR A[AC Input] --> B[DC Power Supplies] B --> C[Control Card] C --> D[Laser Source] C --> E[Galvo Head] D --> F[Optical Fiber] F --> E E --> G[Marking Surface] ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the differences between Raycus and IPG laser sources for this model?
    • ⤷ How do I troubleshoot a 'Laser Connection Failed' error on the control board?
    • ⤷ Does the FLM-F6-R/Q support 3D deep engraving or only 2D marking?