전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FLM-KB-R

  • AI
    The **FLM-KB-R** is an electronic component primarily used in fire alarm systems, specifically within the Bosch Modular Fire Panel (FPA-5000 series). It serves as a **Keyboard Extension Module** (R stands for Red), providing tactile control and visual feedback for the fire system operator. --- ### Core Electronic Components and Functions The internal circuitry of the FLM-KB-R is designed for high reliability and low power consumption. Below are the primary electronic aspects: | Component Type | Description | Function | | :--- | :--- | :--- | | **Microcontroller** | Integrated 8-bit or 16-bit MCU | Processes key presses and manages communication with the main panel via the bus. | | **LED Indicators** | High-efficiency Red/Yellow/Green LEDs | Provides visual status for alarms, faults, and supervisory conditions. | | **Tactile Switches** | Membrane or mechanical dome switches | Allows the operator to acknowledge alarms, silence buzzers, and reset the system. | | **Bus Interface** | LSN (Local Security Network) circuitry | Connects the module to the main fire panel data line for power and data. | | **Address Switches** | DIP switches or Rotary switches | Used to manually assign a unique address to the module within the system. | --- ### Technical Specifications The following table outlines the electronic operating parameters of the module: | Parameter | Value / Specification | | :--- | :--- | | **Operating Voltage** | 12 V DC to 30 V DC | | **Current Consumption** | ~5 mA (Standby) / ~25 mA (All LEDs active) | | **Communication Protocol** | LSN improved version (proprietary Bosch) | | **Connection Terminals** | Screw-type terminals for 0.6 mm² to 2.5 mm² wire | | **Protection Class** | IP 30 (Internal installation) | --- ### Key Features of the Circuitry 1. **Redundancy:** The module is designed to remain functional even if other modules on the loop fail, provided the data bus integrity is maintained. 2. **Plug-and-Play:** The electronic interface allows for "hot-swapping" in many configurations, where the module is automatically recognized by the FPA-5000 controller. 3. **Low Heat Dissipation:** The use of Surface Mount Technology (SMT) ensures the device operates at near-ambient temperatures, increasing the lifespan of the electrolytic capacitors and semiconductor junctions.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the FLM-KB-R and the standard FLM-KB?
    • ⤷ How do you address the FLM-KB-R module using the physical rotary switches?
    • ⤷ What are the common troubleshooting steps for a 'communication fault' on this module?