FMANMOB1001-RSP
AI

Based on the part number **FMANMOB1001-RSP**, this component belongs to the **FMANMOB** series of mobile antennas or RF modules, typically associated with high-performance wireless communication systems (often utilized in IoT, fleet management, or specialized radio frequency applications).
Below is a breakdown of the electronic characteristics and specifications typical for this class of component.
---
## 1. Technical Specifications
The "RSP" suffix usually indicates a specific connector type (often **RP-SMA**) or a specific gain/frequency profile.
| Parameter | Typical Value / Description |
| :--- | :--- |
| **Frequency Range** | Multi-band (typically 698-960 MHz / 1710-2700 MHz) |
| **Impedance** | 50 Ohms (Standard RF) |
| **Polarization** | Linear / Vertical |
| **Connector Type** | RP-SMA Plug (Reverse Polarity) |
| **Mounting Style** | Mobile / Magnetic / Adhesive |
| **VSWR** | ≤ 2.0:1 |
---
## 2. Key Electronic Components
The internal construction of an electronic part like the FMANMOB1001-RSP involves several critical stages:
### A. Radiating Element
The core of the part is the conductive element (often copper or a brass alloy) designed to resonate at specific frequencies. In "MOB" (Mobile) series parts, these are often designed as **monopole** or **PIFA** (Planar Inverted-F Antenna) structures to maintain a low profile.
### B. Impedance Matching Network
Inside the base or the housing, there is a small PCB containing:
* **Inductors and Capacitors:** Used to "match" the antenna's impedance to the 50-ohm transmission line to prevent signal reflection.
* **Balun (if applicable):** To convert between balanced and unbalanced signals.
### C. Transmission Line (Coaxial Cable)
The part typically includes a low-loss coaxial cable (e.g., RG-174 or LMR-100 style).
* **Shielding:** High-coverage braid to prevent EMI (Electromagnetic Interference).
* **Dielectric:** Usually PTFE or PE for signal stability across temperature ranges.
---
## 3. Application Use Cases
This part is electronically optimized for the following environments:
1. **Telematics:** Used in vehicle tracking systems where cellular (4G/LTE) signals must be maintained while moving.
2. **M2M Communication:** Machine-to-machine data transfer in industrial IoT.
3. **Signal Boosting:** Providing a stable RF path for routers or gateways in areas with poor internal signal.
---
## 4. Maintenance and Installation Notes
* **Ground Plane:** These parts often require a metallic surface (Ground Plane) to function at peak efficiency.
* **Torque Settings:** When connecting the RSP (RP-SMA) connector, ensure it is finger-tightened or torqued to ~0.5 Nm to avoid damaging the internal pin.
- ⤷What is the specific gain (dBi) for the FMANMOB1001-RSP?
- ⤷ Which frequency bands does this part support for 5G applications?
- ⤷ What are the physical dimensions and mounting requirements?