전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FMANMOB1008-RSP

  • AI
    The **FMANMOB1008-RSP** is a high-performance **Wi-Fi 6E (6 GHz) / 5G sub-6GHz** omnidirectional antenna manufactured by L-com (Infinite Electronics). It is specifically designed for mobile and stationary wireless connectivity, often used in automotive, industrial, and public safety applications. --- ### ## Technical Specifications The following table outlines the key electronic and physical characteristics of the FMANMOB1008-RSP: | Feature | Specification | | :--- | :--- | | **Frequency Range** | 617 MHz - 7125 MHz (Broadband) | | **Gain** | 3 dBi to 8 dBi (Varies by band) | | **Polarization** | Linear, Vertical | | **Impedance** | 50 Ohms | | **Connector Type** | RP-SMA Plug (Reverse Polarity SMA) | | **Maximum Input Power** | 50 Watts | | **VSWR** | < 2.5:1 (Typical) | | **Radiation Pattern** | Omnidirectional (360°) | --- ### ### Key Electronic Components & Design Features #### 1. Ultra-Wideband (UWB) Support The internal circuitry of this antenna is designed to cover an extremely wide spectrum. This allows a single antenna to handle multiple communication standards: * **Low Band (617-960 MHz):** 4G LTE, FirstNet, and 5G low-band. * **Mid/High Band (1710-2700 MHz):** 4G, 5G, and Wi-Fi. * **Extended Band (4900-7125 MHz):** Wi-Fi 6E, Public Safety (4.9GHz), and CBRS. #### 2. RP-SMA Connector The "RSP" suffix indicates a **Reverse Polarity SMA** connector. * Unlike standard SMA (where the male has a center pin), the RP-SMA Plug has a center socket. * This is the standard interface for most consumer and industrial Wi-Fi routers and access points. #### 3. Radiation Element The antenna uses a high-efficiency radiator enclosed in a rugged **ASA (Acrylonitrile Styrene Acrylate)** radome. This material is chosen for its UV stability and low dielectric interference, ensuring the signal is not attenuated by the housing. #### 4. Ground Plane Independent This specific model is designed to operate effectively without a large metal ground plane. This makes it ideal for mounting on non-metallic surfaces like plastic enclosures, fiberglass vehicle roofs, or wooden structures. --- ### ### Typical Applications * **Fleet Management:** Real-time GPS and 5G data for trucks and buses. * **IoT Gateways:** Connecting industrial sensors to Wi-Fi 6E networks. * **Public Safety:** Ensuring constant connectivity for emergency vehicles using FirstNet or private LTE. * **Industrial Automation:** High-bandwidth wireless links in warehouses.
    ✨ Follow-up Questions
    • ⤷What is the difference between SMA and RP-SMA connectors for this antenna?
    • ⤷ How does 'Ground Plane Independence' affect installation?
    • ⤷ What are the specific gain values for the 6GHz Wi-Fi 6E band?