전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FMMT549..

  • AI
    The **FMMT549** is a high-performance, high-current PNP Silicon Planar Medium Power Transistor, commonly used in surface-mount applications. It is manufactured by Diodes Incorporated (formerly Zetex). --- ### 1. Key Technical Specifications The FMMT549 is known for its high current handling capability despite its small SOT23 package. | Parameter | Symbol | Maximum Value | | :--- | :--- | :--- | | **Collector-Base Voltage** | $V_{CBO}$ | -35V | | **Collector-Emitter Voltage** | $V_{CEO}$ | -30V | | **Emitter-Base Voltage** | $V_{EBO}$ | -5V | | **Continuous Collector Current** | $I_C$ | -1A | | **Peak Pulse Current** | $I_{CM}$ | -2A | | **Power Dissipation** ($T_{amb}=25^\circ C$) | $P_{tot}$ | 500mW | --- ### 2. Physical and Pinout Configuration The device is packaged in a standard **SOT23** (Small Outline Transistor) package, which is ideal for space-constrained PCB designs. * **Pin 1:** Base (B) * **Pin 2:** Emitter (E) * **Pin 3:** Collector (C) --- ### 3. Distinctive Features 1. **Low Saturation Voltage:** It exhibits a very low collector-emitter saturation voltage ($V_{CE(sat)}$), which reduces power loss and heat generation during high-current switching. 2. **High Gain:** The DC current gain ($h_{FE}$) remains high even at high collector currents, typically ranging from 100 to 300. 3. **Fast Switching:** Due to its planar construction, it can handle relatively fast switching speeds for power management tasks. --- ### 4. Common Applications Because it is a PNP transistor with high current capability, it is frequently used for: * **High-Side Switching:** Turning on/off loads connected to the positive rail. * **MOSFET Gate Driving:** Providing the necessary current to charge/discharge the gate of a larger power MOSFET. * **Battery Charging:** Managing current flow in portable device chargers. * **DC-DC Converters:** Serving as a switching element in low-power voltage regulation. --- ### 5. Spice Model Example If you are simulating this part in LTspice or PSpice, the model definition typically looks like this: ```spice .MODEL FMMT549 PNP (IS=1.35E-13 NF=1.0 BF=250 VAF=30 IKF=1.2 + ISE=1.2E-14 NE=1.5 BR=25 NR=1.0 VAR=20 IKR=0.5 + RE=0.12 RB=0.4 RC=0.1 CJE=110P VJE=0.75 MJE=0.33 + CJC=35P VJC=0.6 MJC=0.33 TF=0.6N TR=20N) ```
    ✨ Follow-up Questions
    • ⤷ What is the complementary NPN transistor for the FMMT549?
    • ⤷ How does the power dissipation change if the PCB pad size is increased?
    • ⤷ What is the typical saturation voltage at 1A collector current?