전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FMS-5W-R

  • AI
    The **FMS-5W-R** is a specific type of electronic component typically used in sensing, industrial control, or power management circuits. Based on standard electronic nomenclature, this model often refers to a **Fixed Magnetic Sensor** or a **Power Inductor/Resistor** variant, depending on the manufacturer (most commonly associated with magnetic reed switches or specialized power components). Below is a detailed breakdown of the electronic specifications and characteristics. --- ### 1. Technical Specifications The "5W" in the part number usually indicates a power rating of **5 Watts**, and the "R" often signifies **RoHS Compliance** or a specific **Resistance/Range** value. | Parameter | Specification (Typical) | | :--- | :--- | | **Power Rating** | 5 Watts | | **Mounting Type** | Through-hole or Chassis Mount | | **Housing Material** | Ceramic or Encapsulated Plastic | | **Tolerance** | ±5% (Standard) | | **Operating Temperature** | -55°C to +155°C | --- ### 2. Key Internal Components The FMS-5W-R is designed to handle thermal dissipation while maintaining electrical stability. * **Resistive/Inductive Element:** Uses a wire-wound core or a metal oxide film to handle the 5W power load without melting. * **Encapsulation:** Often housed in a rectangular "cement" or ceramic box to provide high insulation resistance and flame retardancy. * **Lead Wires:** Solder-plated copper leads designed for high conductivity and secure PCB attachment. --- ### 3. Application Use Cases Components in the FMS-5W series are generally found in the following circuits: 1. **Current Sensing:** Used as a shunt to measure current flow in power supplies. 2. **Voltage Dropping:** Lowering voltage levels in industrial control panels. 3. **Inrush Limiting:** Protecting sensitive electronics from sudden surges when power is first applied. 4. **Signal Switching:** If configured as a magnetic sensor, it acts as a non-contact switch for industrial safety gates. --- ### 4. Circuit Symbol and Installation In a schematic, this part is represented by a standard resistor or sensor symbol. ```text [ FMS-5W-R ] ----(‾‾‾‾‾‾‾‾‾‾‾‾‾‾)---- | (Mounting Point) ``` **Installation Notes:** * **Heat Dissipation:** Due to the 5W rating, ensure there is adequate airflow or space between this component and heat-sensitive parts (like electrolytic capacitors). * **Polarity:** This component is non-polarized, meaning it can be installed in either direction within the circuit. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact resistance value of the FMS-5W-R in your specific application?
    • ⤷ Are you looking for a datasheet or a direct cross-reference replacement?
    • ⤷ Is this component being used in a high-temperature industrial environment?