전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FNS-06-R

  • AI
    The **FNS-06-R** is a specific model of a **Miniature Fast-Acting Fuse**, typically manufactured by brands like **OptiFuse** or similar electronic component suppliers. It is designed to provide overcurrent protection in compact electronic circuits. ### 1. Key Technical Specifications The following table summarizes the primary electrical and physical characteristics of the FNS-06-R: | Specification | Details | | :--- | :--- | | **Component Type** | Fast-Acting Subminiature Fuse | | **Current Rating** | 6 Amperes (6A) | | **Voltage Rating** | 125V AC / 125V DC (Commonly) | | **Interrupting Rating** | 50A @ 125V AC/DC | | **Body Material** | Ceramic or Thermoplastic | | **Termination Style** | Radial Leaded (Through-hole) | | **Operating Temp** | -55°C to +125°C | --- ### 2. Functional Characteristics * **Fast-Acting (F):** This fuse is designed to "blow" or open the circuit almost instantly when the current exceeds its rated 6A. It does not have a "slow-blow" or time-delay feature, making it ideal for protecting sensitive semiconductor components. * **Radial Leaded Design:** The "R" in the suffix often denotes the **Radial** lead configuration. Unlike standard glass tube fuses that require a clip, this fuse is soldered directly onto a Printed Circuit Board (PCB). * **Subminiature Form Factor:** Its small size (often roughly the size of a small resistor or capacitor) allows for high-density PCB layouts where space is limited. ### 3. Applications The FNS-06-R is commonly used in the following environments: 1. **Consumer Electronics:** Power supplies for laptops, printers, and chargers. 2. **Industrial Equipment:** Control boards and small motor controllers. 3. **Telecommunications:** Network interface cards and routing hardware. 4. **Battery Management:** Protection against short circuits in lithium-ion battery packs. --- ### 4. Identification and Replacement When replacing an FNS-06-R, ensure the following conditions are met: * **Current Matching:** Must be exactly 6A. Using a higher rating risks fire; a lower rating causes "nuisance blowing." * **Lead Spacing:** Check the pitch (distance between the two wires) to ensure it fits the existing PCB holes. * **Voltage Rating:** The replacement fuse must have a voltage rating equal to or higher than the original (e.g., a 250V fuse can replace a 125V fuse, but not vice versa).
    ✨ Follow-up Questions
    • ⤷What is the difference between a fast-acting and a time-delay fuse in PCB applications?
    • ⤷ Can I use an SMD fuse as a substitute for a radial leaded FNS-06-R?
    • ⤷ What are the common failure modes of miniature ceramic fuses?