FNS-150-R
AI

## Electronic Components of the FNS-150-R
The **FNS-150-R** is an industrial-grade **Single-Phase Automatic Voltage Regulator (AVR)**, typically used to protect sensitive electronic equipment from voltage fluctuations, surges, and electrical noise. Below is a breakdown of its primary electronic parts and their functions.
---
### Core Electronic Components
| Component | Function | Description |
| :--- | :--- | :--- |
| **Servo Motor** | Mechanical Adjustment | A high-torque DC motor that physically moves the carbon brush across the transformer windings to adjust the voltage. |
| **Microprocessor Control PCB** | "The Brain" | An integrated circuit board that monitors input voltage and sends signals to the servo motor to compensate for fluctuations. |
| **Toroidal Transformer** | Voltage Induction | A ring-shaped transformer that provides high efficiency and low electromagnetic interference (EMI) for voltage stepping. |
| **Carbon Brush** | Contact Interface | A conductive element attached to the servo arm that slides along the transformer coils to change the turn ratio. |
| **Limit Switches** | Safety Mechanism | Small switches that prevent the servo motor from rotating past its physical safety limits. |
| **Relay/Contactor** | Power Switching | Used for time-delay functions and high-voltage protection to disconnect the load during extreme spikes. |
---
### Key Technical Systems
### 1. The Feedback Control Loop
The FNS-150-R utilizes a **closed-loop feedback system**.
* **Sensor:** Monitors the output voltage in real-time.
* **Comparator:** The PCB compares the actual output to the target (e.g., 220V).
* **Driver:** If a discrepancy is found, the driver activates the Servo Motor to shift the Carbon Brush until the target voltage is reached.
### 2. Protection Circuits
The electronic assembly includes several layers of safety:
* **Over-Voltage/Under-Voltage Protection:** If the input voltage exceeds or drops below the operational range (e.g., <160V or >260V), the PCB triggers a relay to cut power to the load.
* **Short Circuit Protection:** Usually handled via an integrated **Circuit Breaker** (MCB) located on the chassis.
* **Time-Delay Function:** A logic circuit that prevents the device from sending power immediately after a blackout, protecting compressors (like in refrigerators) from back-pressure damage.
---
### Display and Indicators
Most FNS-150-R models feature an analog or digital monitoring interface:
* **Voltmeter:** Displays the regulated output voltage.
* **Ammeter:** Displays the current load being drawn.
* **LED Indicators:**
* *Green:* Normal Operation.
* *Yellow:* Delaying start.
* *Red:* Fault/Unusual Voltage.
---
- ⤷
What is the response time for the FNS-150-R to correct a voltage spike?
- ⤷ How do you replace the carbon brushes on this specific model?
- ⤷ What is the maximum KVA load capacity for the FNS series?