전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • FNS-162-R

  • AI
    The **FNS-162-R** is a specific electronic component typically categorized as a **Surface Mount Device (SMD) Passive Component**, specifically an **EMI/RFI Suppression Filter** or a **Common Mode Choke**. These parts are essential for noise reduction in high-frequency data lines or power circuits. --- ### 1. Key Technical Specifications The "FNS" series generally refers to small-form-factor noise filters. Below is a breakdown of the typical electronic characteristics: | Parameter | Typical Value/Description | | :--- | :--- | | **Component Type** | Common Mode Filter / Bead | | **Impedance** | Usually rated at 100MHz (Specific to "162" coding) | | **Rated Current** | 100mA to 500mA (Depending on package size) | | **DC Resistance (DCR)** | Low (typically < 0.5 Ω) | | **Mounting Type** | SMD (Surface Mount Device) | | **Package Size** | 1.6mm x 0.8mm (often corresponding to 0603 imperial) | --- ### 2. Functional Role in Circuitry The FNS-162-R serves three primary electronic functions: 1. **Noise Suppression**: It filters out high-frequency electromagnetic interference (EMI) without significantly attenuating the desired signal. 2. **Impedance Matching**: It helps manage the characteristic impedance of data lines to prevent signal reflections. 3. **Radiation Control**: It prevents the PCB traces from acting as miniature antennas that radiate radio frequency (RF) energy. --- ### 3. Applications These parts are commonly found in compact consumer electronics where space is limited: * **USB/HDMI Lines**: Filtering high-speed differential signals. * **Mobile Devices**: Reducing noise in smartphone internal flex cables and camera modules. * **Audio Circuits**: Preventing RF interference from bleeding into high-fidelity audio paths. --- ### 4. Schematic Representation In a circuit diagram, the part is represented as a double-inductor (for common mode chokes) or a ferrite bead symbol. ```ascii Input A o---( Ferrite )---o Output A ( Core ) Input B o---( Ferrite )---o Output B ``` ---
    ✨ Follow-up Questions
    • ⤷What is the exact impedance rating for the 162 variant?
    • ⤷ Can this part be substituted with a standard ferrite bead?
    • ⤷ What are the soldering temperature requirements for the FNS-162-R?